Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4608 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4608
Description  Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4608 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4608 Datasheet HTML 4Page - Semtech Corporation SC4608 Datasheet HTML 5Page - Semtech Corporation SC4608 Datasheet HTML 6Page - Semtech Corporation SC4608 Datasheet HTML 7Page - Semtech Corporation SC4608 Datasheet HTML 8Page - Semtech Corporation SC4608 Datasheet HTML 9Page - Semtech Corporation SC4608 Datasheet HTML 10Page - Semtech Corporation SC4608 Datasheet HTML 11Page - Semtech Corporation SC4608 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
 2006 Semtech Corp.
www.semtech.com
SC4608
POWER MANAGEMENT
Application Information
Enable
The SC4608 is enabled by applying a voltage greater than
2.7 volts to the AV
DD pin. The SC4608 is disabled when
AV
DD falls below 2.35 volts or when sleep mode opera-
tion is invoked by clamping the EN pin to a voltage below
0.3*AV
DD. 0.1µA is the typical current drawn through the
AV
DD pin during sleep mode. During the sleep mode, the
high side and low side MOSFETs are turned off and the
internal soft start voltage is held low.
Oscillator
The FSET pin is used to set the PWM oscillator frequency
through an external timing capacitor that is connected
from the FSET pin to the GND pin. The resulting ramp
waveform ion the FSET pin is a triangle at the PWM fre-
quency with a peak voltage of 1.3V and a valley voltage
of 0.3V. 160ns minimum OFF time for the top switch
allows the bootstrap capacitor to be charged during each
cycle. The capacitor tolerance adds to the accuracy of
the oscillator frequency. The approximate operating fre-
quency and soft start time are both determined by the
value of the external timing capacitor as shown in Table
1.
g
n
i
m
i
T
l
a
n
r
e
t
x
E
)
F
p
(
e
u
l
a
V
r
o
t
i
c
a
p
a
C
)
z
H
k
(
y
c
n
e
u
q
e
r
F
0
2
10
0
0
1
0
7
25
7
5
0
7
40
5
3
0
6
55
9
2
Table 1. Operating Frequency value Based on the
Value of the External Timing Capacitor Placed Across
the FSET and GND Pins
Synchronous mode operation is invoked by using a sig-
nal from an external clock. A low value resistor (100
Ω
typical) must be inserted in series with the timing capaci-
tor between the timing capacitor and the GND pin. The
other terminal of the timing capacitor will remain con-
nected to the FSET pin. The transformed external clock
signal is then connected to the junction of the external
timing capacitor and the added resistor R
SYNC as shown
in Figure 1.
The maximum frequency of the external clock signal can
be higher than the natural switching frequency by about
10%.
CFSET
RSYNC
100
SC4608
FSET
R
1k
D
C
56pF
External
Clock
Signal
A
CFSET
RSYNC
100
SC4608
FSET
R
1k
D
C
56pF
External
Clock
Signal
A
Figure 1
UVLO
When the EN pin is not pulled and held below 0.3*AV
DD,
the voltage on the AV
DD pin determines the operation of
the SC4608. As AV
DD increases during start up, the UVLO
block senses AV
DD and keeps the high side and low side
MOSFETs off and the internal soft start voltage low until
AV
DD reaches 2.7V. If no faults are present, the SC4608
will initiate a soft start when AV
DD exceeds 2.7V. A hyster-
esis (350mV) in the UVLO comparator provides noise im-
munity during its start up.
Power Good Indicator
The PGOOD pin is the open-drain output of the power
good comparators. These comparators are incorporated
with small amount of hysteresis. A pull-up resistor from
the PGOOD pin to the input supply or the output sets the
logic high level of the PGOOD signal. The VSENSE low-to-
high trip voltage of the power good comparator is 89%
of the final regulation voltage. The power good compara-
tor output becomes valid provided that V
O is within about
±11% of the programmed output voltage. In shutdown
mode the power good output is actively pulled low. The
PGOOD signal delay depends on its operating frequency
fs, for example, about 14ms@ fs=575kHz and 24ms @
fs=330kHz.
Soft Start
The soft start function is required for step down control-
lers to prevent excess inrush current through the DC bus
during start up. Generally this can be done by sourcing a
controlled current into a timing capacitor and then using
the voltage across this capacitor to slowly ramp up the
error amp reference. The closed loop creates narrow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com