Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4608 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4608
Description  Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4608 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4608 Datasheet HTML 1Page - Semtech Corporation SC4608 Datasheet HTML 2Page - Semtech Corporation SC4608 Datasheet HTML 3Page - Semtech Corporation SC4608 Datasheet HTML 4Page - Semtech Corporation SC4608 Datasheet HTML 5Page - Semtech Corporation SC4608 Datasheet HTML 6Page - Semtech Corporation SC4608 Datasheet HTML 7Page - Semtech Corporation SC4608 Datasheet HTML 8Page - Semtech Corporation SC4608 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
 2006 Semtech Corp.
www.semtech.com
SC4608
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mti
n
U
).
t
n
o
C
(
r
e
if
il
p
m
A
r
o
r
r
E
e
t
a
R
w
e
l
S
)
1
(
4
.
2s
µ
/
V
h
g
i
H
T
U
O
VI
P
M
O
C
A
m
5
.
5
-
=
V
A
D
D
5
.
0
-V
A
D
D
3
.
0
-
V
w
o
L
T
U
O
VI
P
M
O
C
A
m
5
.
5
=3
.
05
4
.
0
r
o
t
a
ll
i
c
s
O
y
c
a
r
u
c
c
A
l
a
it
i
n
IT
A
C
°
5
2
=5
2
55
7
55
2
6z
H
k
n
o
it
a
l
u
g
e
R
e
n
i
L
C
S
OT
A
V
A
,
C
°
5
2
=
D
D
V
5
.
5
o
t
V
7
.
2
=1
5
.
2V
/
%
t
n
e
i
c
if
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TT
A
C
°
5
8
o
t
C
°
0
4
-
=2
0
.
0C
°
/
%
y
c
n
e
u
q
e
r
F
n
o
it
a
r
e
p
O
m
u
m
i
n
i
M
)
1
(
0
5z
H
k
y
c
n
e
u
q
e
r
F
n
o
it
a
r
e
p
O
m
u
m
i
x
a
M
)
1
(
M
1z
H
y
e
ll
a
V
o
t
k
a
e
P
p
m
a
R
1V
e
g
a
tl
o
V
k
a
e
P
p
m
a
R
3
.
1V
e
g
a
tl
o
V
y
e
ll
a
V
p
m
a
R
3
.
0V
ti
m
i
L
t
n
e
r
r
u
C
,t
r
a
t
S
t
f
o
S
e
m
i
T
tr
a
t
S
tf
o
S
e
l
b
a
m
m
a
r
g
o
r
P
)
1
(
F
n
2
2
=
C2
s
m
t
n
e
r
r
u
C
e
g
r
a
h
C
tr
a
t
S
tf
o
ST
A
C
°
5
2
=4
-5
2
.
5
-5
.
6
-A
µ
t
n
e
r
r
u
C
s
a
i
B
T
E
S
IT
J
C
°
5
2
=5
4
-0
5
-5
5
-A
µ
T
E
S
I
f
o
t
n
e
i
c
if
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
3
.
0C
°
/
%
e
m
i
T
k
n
a
l
B
ti
m
i
L
t
n
e
r
r
u
C
)
1
(
0
3
1s
n
e
v
i
r
D
e
t
a
G
e
m
i
T
F
F
O
m
u
m
i
n
i
M
H
V
R
D
)
1
(
T
A
C
°
5
2
=0
6
1s
n
)
H
V
R
D
(
e
c
r
u
o
S
k
a
e
PI
,
V
3
.
3
=
s
g
V
E
C
R
U
O
S
A
m
0
0
1
=5
.
36
Ω
)
H
V
R
D
(
k
n
i
S
k
a
e
PI
,
V
3
.
3
=
s
g
V
K
N
I
S
A
m
0
0
1
=3
5
Ω
)
L
V
R
D
(
e
c
r
u
o
S
k
a
e
P
)
1
(
I
,
V
3
.
3
=
s
g
V
E
C
R
U
O
S
A
m
0
0
1
=2
.
2
Ω
)
L
V
R
D
(
k
n
i
S
k
a
e
PI
,
V
3
.
3
=
s
g
V
K
N
I
S
A
m
0
0
1
=2
4
Ω
e
m
i
T
e
s
i
R
t
u
p
t
u
OC
,
V
3
.
3
=
s
g
V
T
U
O
F
n
7
.
4
=5
3s
n
e
m
i
T
ll
a
F
t
u
p
t
u
OC
,
V
3
.
3
=
s
g
V
T
U
O
F
n
7
.
4
=7
2s
n
p
a
lr
e
v
O
-
n
o
N
m
u
m
i
n
i
M
)
1
(
0
4s
n
Unless otherwise specified, AV
DD = 3.3V, AVDD = PVDD , CT = 270pF, TA = -40°C to 85°C, TA=TJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com