Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4608 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4608
Description  Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4608 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4608 Datasheet HTML 8Page - Semtech Corporation SC4608 Datasheet HTML 9Page - Semtech Corporation SC4608 Datasheet HTML 10Page - Semtech Corporation SC4608 Datasheet HTML 11Page - Semtech Corporation SC4608 Datasheet HTML 12Page - Semtech Corporation SC4608 Datasheet HTML 13Page - Semtech Corporation SC4608 Datasheet HTML 14Page - Semtech Corporation SC4608 Datasheet HTML 15Page - Semtech Corporation SC4608 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
 2006 Semtech Corp.
www.semtech.com
SC4608
POWER MANAGEMENT
C2
R1
C1
C4
R
V out
L1
C9
R8
R7
R9
COMP
VSENSE
PHASE
S C 4608
C2
R1
C1
C4
R
V out
L1
C9
R8
R7
R9
COMP
VSENSE
PHASE
S C 4608
Figure 4. Compensation network provides 3 poles and
2 zeros.
For voltage mode step down applications as shown in
Figure 4, the power stage transfer function is:
4
1
2
1
4
C
I
VD
C
L
s
R
L
s
1
C
R
1
s
1
V
)
s
(
G
+
+
⋅
+
=
Where:
R = load resistance and
R
C = C4’s ESR.
The compensation network will have the characteristic
as follows:
2
P
2
Z
1
P
1
Z
I
COMP
s
1
s
1
s
1
s
1
s
)
s
(
G
ω
+
⋅
ω
+
⋅
ω
+
ω
+
⋅
ω
=
Where
)
C
C
(
R
1
2
1
7
I
+
⋅
=
ω
2
1
1
Z
C
R
1
⋅
=
ω
9
8
7
2
Z
C
)
R
R
(
1
⋅
+
=
ω
2
1
1
2
1
1
P
C
C
R
C
C
⋅
⋅
+
=
ω
Application Information (Cont.)
For a low voltage and high output current application such
as the 3.3V/1.5V@12A case, the conduction loss is of-
ten dominant and selecting low R
DS(ON) MOSFETs will no-
ticeably improve the efficiency of the converter even
though they give higher switching losses.
The gate charge loss portion of the top/bottom MOSFET’s
total power loss is derived from the SC4608. This gate
charge loss is based on certain operating conditions (f
s,
V
GATE, and IO).
The thermal estimations have to be done for both
MOSFETs to make sure that their junction temperatures
do not exceed their thermal ratings according to their
total power losses P
TOTAL, ambient temperature TA and their
thermal resistance
RθJA as follows:
JA
TOTAL
A
(max)
J
R
P
T
T
θ
+
<
Loop Compensation Design
For a DC/DC converter, it is usually required that the
converter has a loop gain of a high cross-over frequency
for fast load response, high DC and low frequency gain
for low steady state error, and enough phase margin for
its operating stability. Often one can not have all these
properties at the same time. The purpose of the loop
compensation is to arrange the poles and zeros of the
compensation network to meet the requirements for a
specific application.
The SC4608 has an internal error amplifier and requires
the compensation network to connect among the COMP
pin and VSENSE pin, GND, and the output as shown in
Figure 4. The compensation network includes C1, C2,
R1, R7, R8 and C9. R9 is used to program the output
voltage according to:
)
R
R
1
(
5
.
0
V
9
7
O
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com