Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4608 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4608
Description  Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4608 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4608 Datasheet HTML 1Page - Semtech Corporation SC4608 Datasheet HTML 2Page - Semtech Corporation SC4608 Datasheet HTML 3Page - Semtech Corporation SC4608 Datasheet HTML 4Page - Semtech Corporation SC4608 Datasheet HTML 5Page - Semtech Corporation SC4608 Datasheet HTML 6Page - Semtech Corporation SC4608 Datasheet HTML 7Page - Semtech Corporation SC4608 Datasheet HTML 8Page - Semtech Corporation SC4608 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
www.semtech.com
SC4608
Low Input, MHz Operation,
High Efficiency Synchronous Buck
POWER MANAGEMENT
Revision: June 19, 2006
Description
Features
Applications
Typical Application Circuit
Asynchronous start up
Programmable switching frequency up to 1MHz
BiCMOS voltage mode PWM controller
2.7V to 5.5V input voltage range
Output voltage as low as 0.5V
+/-1% reference accuracy
Sleep mode (Icc = 1µA max)
Adjustable lossless short circuit current limiting
Combination pulse by pulse & hiccup mode
current limit
High efficiency synchronous switching
1A peak current driver
External soft start
Power good signal
16-pin MLP Lead-free package. This product is fully
WEEE and RoHS compliant
Distributed power architecture
Servers/workstations
Local microprocessor core power supplies
DSP and I/O power supplies
Battery-powered applications
Telecommunications equipment
Data processing applications
The SC4608 is a voltage mode step down (buck) regula-
tor controller that provides accurate high efficiency power
conversion from an input supply range of 2.7V to 5.5V. A
high level of integration reduces external component
count, and makes it suitable for low voltage applications
where cost, size and efficiency are critical. The SC4608
is capable of producing an output voltage as low as 0.5V.
It’s frequency of operation is programmable to 1MHz.
The SC4608 drives external, N-channel MOSFETs with a
peak gate current of 1A. A non-overlap protection is pro-
vided for the gate drive signals to prevent shoot through
of the MOSFET pair. The SC4608 features lossless cur-
rent sensing of the voltage drop across the drain to
source resistance of the high side MOSFET during its
conduction period.
The quiescent supply current in sleep mode is typically
lower than 1µA. A external soft start is provided to pre-
vent output voltage overshoot during start-up.
The SC4608 is an ideal choice for converting 3.3V, 5V or
other low input supply voltages. It’s available in 16 pin
MLP package.
R3
C3
1u
C2 2.2n
R1
14.3k
C1
180p
V
out= 0.5V / 12A
C17
1u
D2
L1
1.8u
C5
22u
C4
22u
M11
C10
220u
M2
C9
4.7n
R8
200
R7
10k
V
in=3V – 3.6V
R6
1
R5
1
C16
560pF
AVDD
1
ISET
2
COMP
3
FSET
4
PVDD
16
BST
15
PHASE
12
SS
7
VSENSE
8
DRVH
13
PGOOD
6
EN
5
AGND
9
PGND
10
DRVL
11
SC4608
R2
10k
C6
330u
C13
22u
C14
22u
R13
1
22n
Css
R3
C3
1u
C2 2.2n
R1
14.3k
C1
180p
V
out= 0.5V / 12A
C17
1u
D2
L1
1.8u
C5
22u
C4
22u
M11
C10
220u
M2
C9
4.7n
R8
200
R7
10k
V
in=3V – 3.6V
R6
1
R5
1
C16
560pF
AVDD
1
ISET
2
COMP
3
FSET
4
PVDD
16
BST
15
PHASE
12
SS
7
VSENSE
8
DRVH
13
PGOOD
6
EN
5
AGND
9
PGND
10
DRVL
11
SC4608
R2
10k
C6
330u
C13
22u
C14
22u
R13
1
22n
Css


Similar Part No. - SC4608

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601EVB SEMTECH-SC4601EVB Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTR SEMTECH-SC4601IMSTR Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTRT SEMTECH-SC4601IMSTRT Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
More results

Similar Description - SC4608

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4607 SEMTECH-SC4607 Datasheet
318Kb / 17P
Very Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4609 SEMTECH-SC4609 Datasheet
329Kb / 18P
Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603 Datasheet
317Kb / 16P
Very Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603_08 Datasheet
325Kb / 16P
Very Low Input, MHz Operation,High Efficiency Synchronous Buck
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
logo
Texas Instruments
TPS40007DGQRG4 TI1-TPS40007DGQRG4 Datasheet
858Kb / 28P
LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
High efficiency synchronous buck topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com