Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4608 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4608
Description  Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4608 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4608 Datasheet HTML 10Page - Semtech Corporation SC4608 Datasheet HTML 11Page - Semtech Corporation SC4608 Datasheet HTML 12Page - Semtech Corporation SC4608 Datasheet HTML 13Page - Semtech Corporation SC4608 Datasheet HTML 14Page - Semtech Corporation SC4608 Datasheet HTML 15Page - Semtech Corporation SC4608 Datasheet HTML 16Page - Semtech Corporation SC4608 Datasheet HTML 17Page - Semtech Corporation SC4608 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
 2006 Semtech Corp.
www.semtech.com
SC4608
POWER MANAGEMENT
Application Information (Cont.)
Design Example 1. 3V to1.5V @10A application with SC4608
R3
C3
1u
C2 2.2n
R1
14.3k
C1
1.8n
V
out=1.5V/ 10A
C17
1u
D2
L1
2.3u
C5
22u
C4
22u
M11
C10
220u
M2
C9
8.2n
R8
107
R7
5.76k
R9
2.87k
V
in=3V - 5.5V
R6
0
R5
0
C16
470pF
AVDD
1
ISET
2
COMP
3
FSET
4
PVDD
16
BST
15
PHASE
12
SS
7
VSENSE
8
DRVH
13
PGOOD
6
EN
5
AGND
9
PGND
10
DRVL
11
SC4608
R2
10k
C7
330u
C13
22u
C14
22u
R13
1
22n
Css
R3
C3
1u
C2 2.2n
R1
14.3k
C1
1.8n
V
out=1.5V/ 10A
C17
1u
D2
L1
2.3u
C5
22u
C4
22u
M11
C10
220u
M2
C9
8.2n
R8
107
R7
5.76k
R9
2.87k
V
in=3V - 5.5V
R6
0
R5
0
C16
470pF
AVDD
1
ISET
2
COMP
3
FSET
4
PVDD
16
BST
15
PHASE
12
SS
7
VSENSE
8
DRVH
13
PGOOD
6
EN
5
AGND
9
PGND
10
DRVL
11
SC4608
R2
10k
C7
330u
C13
22u
C14
22u
R13
1
22n
Css



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com