Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVM100 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STVM100
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STVM100 Datasheet HTML 3Page - STMicroelectronics STVM100 Datasheet HTML 4Page - STMicroelectronics STVM100 Datasheet HTML 5Page - STMicroelectronics STVM100 Datasheet HTML 6Page - STMicroelectronics STVM100 Datasheet HTML 7Page - STMicroelectronics STVM100 Datasheet HTML 8Page - STMicroelectronics STVM100 Datasheet HTML 9Page - STMicroelectronics STVM100 Datasheet HTML 10Page - STMicroelectronics STVM100 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
STVM100
Device operation
7/27
2
Device operation
The STVM100 operates as a slave device on the serial bus. Access is obtained by
implementing a Start condition, followed by the 7-bit slave address (1001111), and the
eighth bit for READ/WRITE identification. The volatile DAC register and non-volatile
EEPROM values can be read out or written in.
2.1
2-wire bus characteristics and conditions
This bus is intended for communication between different ICs. It consists of two lines:
a bi-directional data signal (SDA).
a clock signal (SCL).
The SDA and SCL lines must be connected to a positive supply voltage via a pull-up
resistor. The following protocols have been defined:
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever the clock line is high.
Changes in the data line while the clock line is high will be interpreted as control
signals.
2.1.1
Bus not busy
Both data and clock lines remain High.
2.1.2
Start data transfer
A change in the data line state from high-to-low while the clock is high indicate the Start
condition.
2.1.3
Stop data transfer
A change in the data line state from low-to-high while the clock is high indicates the Stop
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com