Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVM100 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STVM100
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STVM100 Datasheet HTML 7Page - STMicroelectronics STVM100 Datasheet HTML 8Page - STMicroelectronics STVM100 Datasheet HTML 9Page - STMicroelectronics STVM100 Datasheet HTML 10Page - STMicroelectronics STVM100 Datasheet HTML 11Page - STMicroelectronics STVM100 Datasheet HTML 12Page - STMicroelectronics STVM100 Datasheet HTML 13Page - STMicroelectronics STVM100 Datasheet HTML 14Page - STMicroelectronics STVM100 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
STVM100
Application information
11/27
3
Application information
The STVM100 is a programmable VCOM calibrator for the TFT-LCD to remove flickers. It
provides a digital I2C interface to control the sink current output. This output drives an
external resistive voltage divider, which can then be applied to an external VCOM buffer.
The highest and lowest VCOM value is determined by three resistors, R1, R2, and RSET. The
connection is shown in Figure 8.
The sink current from the STVM100 OUT pin is given in Equation 1. This current then flows
through RSET. This current must be less than 120µA (see ISET value in Table 7 on page 15).
Figure 8.
R1, R2, and RSET connection
Equation 1
Note:
“D” is a user-selected value, an integer ranging from 0 to 127.
The VCOM value can be obtained in Equation 2.
Equation 2
AVDD
IOUT
VCOM
AVDD
RSET
R1
R2
SET
STVM100
+
AVDD
OUT
AI12933
I
OUT
D1
+
128
--------------
AV
DD
20 R
SET
()
--------------------------
=
V
COM
R
2
R
1
R
2
+
-------------------- AV
DD 1
D1
+
128
--------------
R
1
20 R
SET
()
--------------------------
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com