Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVM100 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STVM100
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STVM100 Datasheet HTML 10Page - STMicroelectronics STVM100 Datasheet HTML 11Page - STMicroelectronics STVM100 Datasheet HTML 12Page - STMicroelectronics STVM100 Datasheet HTML 13Page - STMicroelectronics STVM100 Datasheet HTML 14Page - STMicroelectronics STVM100 Datasheet HTML 15Page - STMicroelectronics STVM100 Datasheet HTML 16Page - STMicroelectronics STVM100 Datasheet HTML 17Page - STMicroelectronics STVM100 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
DC and AC parameters
STVM100
14/27
5
DC and AC parameters
This section summarizes the operating measurement conditions, and the dc and ac
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 5, Operating and ac Measurement Conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Table 5.
Operating and AC measurement conditions
Parameter
Conditions
Unit
VDD supply voltage
2.25 to 3.6
V
VDD EEPROM programming supply voltage
2.25 to 3.6
V
AVDD reference voltage
4.5 to 20
V
Ambient operating temperature (TA)
–40 to 85
°C
Table 6.
Capacitances
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 3V. Sampled only, not 100% tested.
2.
At 25°C, f = 1MHz.
Min
Max
Unit
Cb
Bus capacitive load
400
pF
CSDA
Capacitance on SDA
10
pF
CS
Capacitance on SCL
WP = 0
10
pF
WP = 1
22
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com