Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVM100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STVM100
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100 Datasheet(HTML) 1 Page - STMicroelectronics

  STVM100 Datasheet HTML 1Page - STMicroelectronics STVM100 Datasheet HTML 2Page - STMicroelectronics STVM100 Datasheet HTML 3Page - STMicroelectronics STVM100 Datasheet HTML 4Page - STMicroelectronics STVM100 Datasheet HTML 5Page - STMicroelectronics STVM100 Datasheet HTML 6Page - STMicroelectronics STVM100 Datasheet HTML 7Page - STMicroelectronics STVM100 Datasheet HTML 8Page - STMicroelectronics STVM100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
July 2007
Rev 6
1/27
1
STVM100
I2C LCD VCOM calibrator
Features
I2C interface, slave address: 1001111
7-bit adjustable sink current output
2.25V to 3.6V logic supply voltage VDD
AVDD operating voltages
– 4.5V to 20V for VDD from 2.6V to 3.6V
– 4.5V to 13V for VDD from 2.25V to 3.6V
EEPROM for storing the optimum VCOM setting
Guaranteed monotonic output over operating
range
400kHz maximum interface bus speed
Operating temperature: –40°C to 85°C
Available in an 8-pin 3mm x 3mm TDFN8 or
3mm x 3mm TSSOP8 Package
Applications
TFT-LCD panels
Description
The STVM100 is a programmable VCOM adjust-
ment solution for thin-film transistor (TFT) liquid-
crystal displays (LCDs) to remove “flickers”. It can
replace a mechanical potentiometer, so that the
factory operator can physically view the front
screen when performing the VCOM adjustment.
This significantly reduces labor costs, increases
reliability, and enables automation.
STVM100 provides a digital I2C interface to con-
trol the sink current output (IOUT). This output
drives an external resistive voltage divider, which
can then be applied to an external VCOM buffer.
Three external resistors R1, R2, and RSET deter-
mine the highest and lowest value of the VCOM.
An increase in the output sink current will lower
the voltage on the external divider so that the
VCOM can be adjusted by 128 steps within this
range. Once the desired VCOM setting is
achieved, it can be stored in the internal
EEPROM that will be automatically recalled dur-
ing each power-up.
STVM100 is available in an 8-pin, 3mm x 3mm
TDFN8 or 3mm x 3mm TSSOP8 package.
TDFN8 (3mm x 3mm) (DC)
TSSOP8 (3mm x 3mm) (DS)
Table 1.
Device summary
Order code
Optimum temperature range
Package
Packing
STVM100DC6E
-40°C to 85°C
TDFN
ECOPACK package, tubes
STVM100DS6F
-40°C to 85°C
TSSOP
ECOPACK package, tape and reel
www.st.com


Similar Part No. - STVM100

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
STV CIT-STV Datasheet
275Kb / 2P
Right Angle Dust Proof Tactile
Rev B 11/2022
logo
Eravant
STV-00-05-S1 ERAVANT-STV-00-05-S1 Datasheet
265Kb / 2P
G-Band Full Waveguide Band Up-Converter
Rev 1.0
STV-00-06-S1 ERAVANT-STV-00-06-S1 Datasheet
875Kb / 3P
D-Band Full Waveguide Band Up-Converter
Rev 1.5
STV-00-08-S1 ERAVANT-STV-00-08-S1 Datasheet
864Kb / 3P
F-Band Full Waveguide Band Up-Converter
Rev 1.5
STV-00-10-S1 ERAVANT-STV-00-10-S1 Datasheet
311Kb / 3P
W-Band Full Waveguide Band Up-Converter
Rev 1.4
More results

Similar Description - STVM100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL45041 INTERSIL-ISL45041 Datasheet
489Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 12, 2010
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL45041_1012 INTERSIL-ISL45041_1012 Datasheet
352Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
December 17, 2010
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com