Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVM100 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STVM100
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STVM100 Datasheet HTML 17Page - STMicroelectronics STVM100 Datasheet HTML 18Page - STMicroelectronics STVM100 Datasheet HTML 19Page - STMicroelectronics STVM100 Datasheet HTML 20Page - STMicroelectronics STVM100 Datasheet HTML 21Page - STMicroelectronics STVM100 Datasheet HTML 22Page - STMicroelectronics STVM100 Datasheet HTML 23Page - STMicroelectronics STVM100 Datasheet HTML 24Page - STMicroelectronics STVM100 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
STVM100
Typical operating characteristics
21/27
Figure 18.
AVDD power-up response
Figure 19.
Full scale-up response
5ms/DIV
AVDD: 5V/DIV, VDD: 5V/DIV, VOUT: 1V/DIV, VSET: 1V/DIV
VSET
VOUT
VDD
AVDD
ai13370
20µs/DIV
SCL: 5V/DIV, SDA: 5V/DIV, VOUT: 1V/DIV, VSET: 1V/DIV
ai13371
VSET
VOUT
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com