Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVM100 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STVM100
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STVM100 Datasheet HTML 19Page - STMicroelectronics STVM100 Datasheet HTML 20Page - STMicroelectronics STVM100 Datasheet HTML 21Page - STMicroelectronics STVM100 Datasheet HTML 22Page - STMicroelectronics STVM100 Datasheet HTML 23Page - STMicroelectronics STVM100 Datasheet HTML 24Page - STMicroelectronics STVM100 Datasheet HTML 25Page - STMicroelectronics STVM100 Datasheet HTML 26Page - STMicroelectronics STVM100 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
STVM100
Package mechanical
23/27
7
Package mechanical
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 21.
MLPD-DFN 3 x 3 x.75mm, pitch 0.65, package mechanical data
1.
Drawing is not to scale.
Table 9.
MLPD-DFN 3 x 3 x .75mm, pitch 0.65, package mechanical data
Sym
mm
inches
Typ
Min
Max
Typ
Min
Max
A
0.75
0.70
0.80
0.0295
0.0276
0.0315
A1
0.02
0.00
0.05
0.0008
0.0000
0.0020
A3
0.20
0.0079
b
0.30
0.25
0.35
0.0118
0.0098
0.0138
D
3.00
0.1181
D2
2.38
2.23
2.48
0.0937
0.0878
0.0976
E
3.00
0.1181
E2
1.64
1.49
1.74
0.0646
0.0587
0.0685
e0.65–
–
0.0256
–
–
L
0.40
0.30
0.50
0.0157
0.0118
0.0197
0.08
E2
D2
L
1
8
b
EZ_ME
e
D
E
A
A3 A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com