Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVM100 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STVM100
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STVM100 Datasheet HTML 12Page - STMicroelectronics STVM100 Datasheet HTML 13Page - STMicroelectronics STVM100 Datasheet HTML 14Page - STMicroelectronics STVM100 Datasheet HTML 15Page - STMicroelectronics STVM100 Datasheet HTML 16Page - STMicroelectronics STVM100 Datasheet HTML 17Page - STMicroelectronics STVM100 Datasheet HTML 18Page - STMicroelectronics STVM100 Datasheet HTML 19Page - STMicroelectronics STVM100 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
DC and AC parameters
STVM100
16/27
Figure 9.
Bus timing requirements sequence
Table 8.
AC characteristics
Sym
Description
Test Condition(1)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VDD = 3.0V to 3.6V; AVDD = 10V;
OUT = 1/2AVDD; RSET = 24.9kΩ (except where noted, see Figure 9).
Min
Typ
Max
Unit
fSCL
SCL clock frequency
0
400
kHz
tLOW
Clock low period
1.3
µs
tHIGH
Clock high period
0.6
µs
tSU:DAT
Data setup time
100
ns
tHD:DAT Data hold time
0
900
ns
tR
SDA and SCL rise time
Dependent on load (see
Table 6 on page 14)
20 +
0.1Cb
300
ns
tF
SDA and SCL fall time
300
ns
tBUF
Bus free time before
new transmission can
start
1.3
µs
tDSP
I2C spike rejection filter
pulse width
050
ns
tSU:STA
Repeated start
condition setup time
0.6
µs
tHD:STA
Repeated start
condition hold time
0.6
µs
tSU:STO
Stop condition setup
time
0.6
µs
tW
WRITE cycle time
100
ms
AI00589
SDA
P
tSU:ST
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com