Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STW81100 Datasheet HTML 2Page - STMicroelectronics STW81100 Datasheet HTML 3Page - STMicroelectronics STW81100 Datasheet HTML 4Page - STMicroelectronics STW81100 Datasheet HTML 5Page - STMicroelectronics STW81100 Datasheet HTML 6Page - STMicroelectronics STW81100 Datasheet HTML 7Page - STMicroelectronics STW81100 Datasheet HTML 8Page - STMicroelectronics STW81100 Datasheet HTML 9Page - STMicroelectronics STW81100 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
STW81100
6/29
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCO DIVIDERS
N
VCO Divider Ratio 1
4096
32767
REFERENCE and PHASE FREQUENCY DETECTOR
fref
Reference input frequency
10
19.2
100
MHz
Reference input sensitivity
0.35
1
1.5
Vpeak
fPFD
PFD input frequency4
10
MHz
fstep
Frequency step1
FOUT/
32767
FOUT/
4096
Hz
CHARGE PUMP
ICP
ICP sink/source2
3bit programmable
4
mA
VOCP
Output voltage compliance4
range
0.4
Vdd-0.3
V
Spurious3,4
Direct Output
-65
-54
dBc
Divider by 2
-70
-60
dBc
Divider by 4
-70
-66
dBc
VCOs
KvcoA
VCOA sensitivity3,4
Sub-Band 00000
85
105
135
MHz/V
Sub-Band 01111
55
70
95
MHz/V
Sub-Band 11111
35
50
65
MHz/V
KvcoB
VCOB sensitivity3,4
Sub-Band 00000
60
75
100
MHz/V
Sub-Band 01111
35
45
60
MHz/V
Sub-Band 11111
20
25
35
MHz/V
VCOA Pushing
3,4
710
MHz/V
VCOB Pushing
3,4
914
MHz/V
VCO control voltage4
0.4
3
V
LO Harmonic Spurious4
-20
dBc
VCO current consumption
25
mA
VCO buffer consumption
15
mA
IDIV2
DIVIDER by 2 consumption
18
mA
IDIV4
DIVIDER by 4 consumption
14
mA
LO OUTPUT BUFFER
POUT
Output level
0
dBm
RL
Return Loss4
Matched to 50ohm
15
dB
Table 6. Electrical Characteristcs (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com