Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STW81100 Datasheet HTML 21Page - STMicroelectronics STW81100 Datasheet HTML 22Page - STMicroelectronics STW81100 Datasheet HTML 23Page - STMicroelectronics STW81100 Datasheet HTML 24Page - STMicroelectronics STW81100 Datasheet HTML 25Page - STMicroelectronics STW81100 Datasheet HTML 26Page - STMicroelectronics STW81100 Datasheet HTML 27Page - STMicroelectronics STW81100 Datasheet HTML 28Page - STMicroelectronics STW81100 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
25/29
STW81100
If the user prefers to use an RF balun it is possible to adopt the same topology depicted in
Figure 28, just
changing the balun and the resistor value (
Figure 30). The suggested balun for the 0.8 - 1.1GHz frequency
range is the 1:1 Johanson 900BL15B050.
Figure 30. Lumped output matching for the divided by 4 output
9.4 Evaluation Kit
It is available upon request an Evaluation Kit including:
■ Evaluation Board
■ GUI (Graphical User Interface) to program the device
■ Measured S parameters of the RF output
■ ADS2005 schematics providing guidelines for application board design
■ STWPLLSim software for PLL loop filter design and noise simulation
RFOUTP
RF OUTN
VCC
22nH
50 O hm
10pF
10pF
22nH
10pF
1:1
VCC
25 O hm
25 O hm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com