Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STW81100 Datasheet HTML 18Page - STMicroelectronics STW81100 Datasheet HTML 19Page - STMicroelectronics STW81100 Datasheet HTML 20Page - STMicroelectronics STW81100 Datasheet HTML 21Page - STMicroelectronics STW81100 Datasheet HTML 22Page - STMicroelectronics STW81100 Datasheet HTML 23Page - STMicroelectronics STW81100 Datasheet HTML 24Page - STMicroelectronics STW81100 Datasheet HTML 25Page - STMicroelectronics STW81100 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
STW81100
22/29
proximately 2dBm output power over the whole band. This topology is intrinsically narrow band, since the
LC balun is tuned at a single frequency. If the application requires a different sub-band, the LC combiner
could be easily adjusted to be tuned at the frequency of interest.
Figure 24. LC lumped balun and matching network
The 6.8nH shunt inductor works as a DC feed for one of the open collector terminals as well as a matching
element along with the other components. The 1.1nH series inductors are used to resonate the parasitic
capacitance of the chip.
For an optimum output matching it is recommended to use 0402 Murata or AVX capacitors and 0403 or
0604 HQ Coilcraft inductors. It is also advisable to use short interconnection paths to minimize losses and
undesired impedance shift.
An alternative topology, which allows for a more broadband matching and balanced to unbalanced con-
version, is shown in
Figure 25.
Figure 25. Microstrip line and lumped matching network
RFOUTP
RFOUTN
VCC
1.1nH
3.6nH
0.3pF
6.8nH
0.7pF
50 O hm
3.6nH
0.3pF
1.1nH
0.7pF
3.5nH
2:1
W=20mil
L=500mil
W=20mil
L=500mil
W=20mil
L=300mil
W=20mil
L=300mil
C=0.4pF
C=0.8pF
C=0.8pF
L=2.2nH
L=2.2nH
VCC
VCC
RFOUTP
RFOUTN
50Ohm load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com