Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STW81100 Datasheet HTML 19Page - STMicroelectronics STW81100 Datasheet HTML 20Page - STMicroelectronics STW81100 Datasheet HTML 21Page - STMicroelectronics STW81100 Datasheet HTML 22Page - STMicroelectronics STW81100 Datasheet HTML 23Page - STMicroelectronics STW81100 Datasheet HTML 24Page - STMicroelectronics STW81100 Datasheet HTML 25Page - STMicroelectronics STW81100 Datasheet HTML 26Page - STMicroelectronics STW81100 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23/29
STW81100
By using this topology the STW81100 is capable to deliver approximately 0dBm to a 50
Ω load with a return
loss grater than 10dB over the whole frequency band (3.3 to 4.4GHz).
Those results have been achieved on an FR4 substrate with a thickness of 350um.
For the differential to single ended conversion the 50 to 100
Ω - 3.3 to 4.4GHz - Johanson balun is recom-
mended (3700BL15B100).
9.2 Divided by 2 output
If the user's application does not require a balanced to unbalanced conversion, the output matching re-
duces to the simple circuit shown below (
Figure 26).
This solution can be easily used to provide one single ended output just terminating the other output at
50
Ω with a 3dB power loss.
Figure 26. Differential/single ended output network in the 1.65 - 2.2GHz range
A first solution to combine the differential outputs is the lumped LC type balun tuned in the 2GHz band
(
Figure 27). An output power of approximately 2 dBm is delivered to a 50
Ω load over the whole band
(1.65GHz to 2.2GHz).
Figure 27. LC lumped balun for the divided by 2 output
RF OUTP
RF OUTN
VCC
22nH
50 O hm
10pF
22nH
10pF
VCC
50 O hm
50 O hm
50 O hm
RFOUTP
RF OUTN
VCC
3nH
3nH
5.5nH
5.5nH
1pF
1pF
1nH
2.8pF
50 O hm
2nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com