Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 1 Page - STMicroelectronics

  STW81100 Datasheet HTML 1Page - STMicroelectronics STW81100 Datasheet HTML 2Page - STMicroelectronics STW81100 Datasheet HTML 3Page - STMicroelectronics STW81100 Datasheet HTML 4Page - STMicroelectronics STW81100 Datasheet HTML 5Page - STMicroelectronics STW81100 Datasheet HTML 6Page - STMicroelectronics STW81100 Datasheet HTML 7Page - STMicroelectronics STW81100 Datasheet HTML 8Page - STMicroelectronics STW81100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/29
STW81100
December 2005
1Features
■ Integer-N Frequency Synthesizer
■ Dual differential integrated VCOs with
automatic central frequency calibration:
– Direct Output:
3300 – 3900 MHz
3800 – 4400 MHz
– Internal divider by 2:
1650 – 1950 MHz
1900 – 2200 MHz
– Internal divider by 4:
825 – 975 MHz
950 – 1100 MHz
■ Fast lock time: 150
µs
■ Dual modulus prescaler (64/65) and 2
programmable counters to achieve a feedback
division ratio from 4096 to 32767.
■ Programmable reference frequency divider (9
bits)
■ Phase frequency comparator and charge pump
■ Programmable charge pump current
■ Digital Lock Detector
■ I
2C bus interface with 3 bit programmable
address (1100A2A1A0)
■ 3.3V Power Supply
■ Power down mode
■ Small size exposed pad VFQFPN28 package
5x5x1.0mm
■ Process: BICMOS 0.35
µm SiGe
2
Description
The STMicroelectronics STW81100 is an integrat-
ed RF synthesizer and voltage controlled oscilla-
tors (VCOs).
Showing high performance, high integration, low
power, and multi-band performances, STW81100
is a low cost one chip alternative to discrete PLL
and VCOs solutions.
STW81100 includes an Integer-N frequency syn-
thesizer and two fully integrated VCOs featuring
low phase noise performance and a noise floor of
-153dBc/Hz. The combination of wide frequency
range VCOs (thanks to center-frequency calibra-
tion over 32 sub-bands) and multiple output op-
tions (direct output, divided by 2 or divided by 4)
allows
to cover the 825MHz-1100MHz, the
1650MHz-2200MHz and the 3300MHz-4400MHz
bands.
The STW81100 is designed with STMicroelectron-
ics advanced 0.35
µm SiGe process.
3
Applications
■
Cellular 3G Infrastructure Equipment
■
Other Wireless Communication Systems
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH
INTEGRATED VCOS
Rev. 6
Figure 1. Package
Table 1. Order Codes
Part Number
Package
STW81100AT-1
VFQFPN28
STW81100ATR-1
VFQFPN28 in Tape & Reel
VFQFPN28


Similar Part No. - STW81100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW81100 STMICROELECTRONICS-STW81100 Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
STW81100AT STMICROELECTRONICS-STW81100AT Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
STW81100ATR STMICROELECTRONICS-STW81100ATR Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
More results

Similar Description - STW81100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
STMicroelectronics
STW81100 STMICROELECTRONICS-STW81100 Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
logo
Silicon Laboratories
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
ISM RF SYNTHESIZER WITH INTEGRATED VCOS
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
Multi-band RF frequency synthesizer with integrated VCOs
06-Mar-2006
STW81102 STMICROELECTRONICS-STW81102 Datasheet
800Kb / 43P
Multi-band RF frequency synthesizer with integrated VCOs
16-Jun-2006
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
Multi-band RF frequency synthesizer with integrated VCOs
13-Aug-2007
STW81103 STMICROELECTRONICS-STW81103 Datasheet
1Mb / 53P
Multi-band RF frequency synthesizer with integrated VCOs
28-Mar-2008
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com