Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW81100 Datasheet HTML 17Page - STMicroelectronics STW81100 Datasheet HTML 18Page - STMicroelectronics STW81100 Datasheet HTML 19Page - STMicroelectronics STW81100 Datasheet HTML 20Page - STMicroelectronics STW81100 Datasheet HTML 21Page - STMicroelectronics STW81100 Datasheet HTML 22Page - STMicroelectronics STW81100 Datasheet HTML 23Page - STMicroelectronics STW81100 Datasheet HTML 24Page - STMicroelectronics STW81100 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21/29
STW81100
Table 24. READ-ONLY REGISTER
This register is automatically addressed in the ‘current byte address read mode’.
ILLEGAL_SUBADD: gives “1” if the sub-address value is not correct
ENDCALB: at “0” means end of auto-calibration phase
LOCK_DET: “1” when PLL is locked
INTCAL[4:0]: internal value of the VCO control word
9
Application Information
The STW81100 features three different alternatively selectable bands: direct output (3.3 to 4.4GHz), di-
vided by 2 (1.65 to 2.2GHz) and divided by 4 (850 to 1100MHz). In order to achieve a suitable power level,
a good matching network is needed to adapt the output stage to a 50
Ω load. Moreover, since most of com-
mercial RF components have single ended input and output terminations, a differential to single ended
conversion could be required.
Below different matching configurations for the three bands are suggested as a guideline for the customer
to design its own application board.
9.1 Direct output
If a differential to single conversion is not needed it is possible to match the output buffer of the STW81100
in the simple way shown in
Figure 23.
Figure 23. Differential/single ended output network in the 3.3 - 4.4GHz range
Since most of discrete components for microwave applications are single ended, the user can easily use
one of the two outputs and terminate the other one to 50
Ω with a 3dB power loss.
Alternatively it is possible to combine the 2 outputs in different ways. A first topology for the direct output
(3.3GHz to 4.4GHz) is suggested in
Figure 24. It basically consists of a simple LC balun and a matching
network to adapt the output to a 50
Ω load. The two LC networks shift output signal phase of -90° and +90°
thus combining the 2 outputs. The LC balun is designed for a center frequency of 4GHz and exhibits ap-
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
ILLEG
AL_SUBAD0
END CALB
LOCK_DET
INT CAL4
INT CAL3
INT CAL2
INT CAL1
INT CAL0
RF OUTP
RF OUTN
V CC
2n H
50 O hm
10pF
2n H
10pF
V CC
50 O h m
50 O h m
50 O hm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com