Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STW81100 Datasheet HTML 13Page - STMicroelectronics STW81100 Datasheet HTML 14Page - STMicroelectronics STW81100 Datasheet HTML 15Page - STMicroelectronics STW81100 Datasheet HTML 16Page - STMicroelectronics STW81100 Datasheet HTML 17Page - STMicroelectronics STW81100 Datasheet HTML 18Page - STMicroelectronics STW81100 Datasheet HTML 19Page - STMicroelectronics STW81100 Datasheet HTML 20Page - STMicroelectronics STW81100 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17/29
STW81100
Table 10.
8.1.8 Multi-byte write mode
The multi-byte write mode can start from any internal address. The master sends the data bytes and each
one is acknowledged. The master terminates the transfer by generating a STOP condition.
The sub-address decides the starting byte. A Multi-byte with sub-address 01H and 2 DATA_IN bytes will
change the “B_COUNTER” and “A_COUNTER” registers, so a Multi-byte with sub-address 00H and 6
DATA_IN bytes will change all the STW81100 registers.
Table 11.
8.1.9 Current Byte Address Read
In the current byte address read mode, following a START condition, the master sends the device address
with the rw bit set to 1 (No sub-address is needed as there is only 1 byte read register). The STW81100
acknowledges this and outputs the data byte. The master does not acknowledge the received byte, but
terminates the transfer with a STOP condition.
Table 12.
8.2 Timing Specification
Figure 20. Data and clock
Table 13.
S
1100A2A1A0
0
ack
sub-address byte
ack
DATA IN
ack
P
S
1100A2A1A0
0
ack
sub-address byte
ack
DATA IN
ack
....
DATA IN
ack
P
S
1100 A2 A1 A0
1ack
DATA
No ack
P
Symbol
Parameter
Minimum time (ns)
Tcs
Data to clock set up time
2
Tch
Data to clock hold time
2
Tcwh
Clock pulse width high
10
Tcwl
Clock pulse width low
5
t
cs
t
ch
t
cwh
t
cwl
SDA
SCL
t
cs
t
ch
t
cwh
t
cwl
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com