Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BE2M1 Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST7263BE2M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE2M1 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST7263BE2M1 Datasheet HTML 108Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 109Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 110Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 111Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 112Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 113Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 114Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 115Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
112/145
14.5 Clock and timing characteristics
Subject to general operating conditions for VDD, fCPU, and TA.
14.5.1 General timings
Notes:
1. Data based on typical application software.
2. Time measured between interrupt event and interrupt vector fetch.
∆t
c(INST) is the number of tCPU cycles needed to finish
the current instruction execution.
14.5.2 Control timing characteristics
Note:
1. Not tested in production, guaranteed by characterization.
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
tc(INST)
Instruction cycle time
fCPU=8MHz
23
12
tCPU
250
375
1500
ns
tv(IT)
Interrupt reaction time 2)
tv(IT) = ∆tc(INST) + 10 tCPU
fCPU=8MHz
10
22
tCPU
1.25
2.75
µs
Control timings
Symbol
Parameter
Conditions
value
Unit
Min
Typ.
Max
fOSC
Oscillator Frequency
24
MHz
fCPU
Operating Frequency
8
MHz
tRL
External RESET
Input pulse Width
2520
ns
tPORL
Internal Power Reset Duration
4096
tCPU
TDOGL
Watchdog or Low Voltage Reset
Output Pulse Width
200
300
ns
tDOG
Watchdog Time-out
fcpu = 8MHz
49152
6.144
3145728
393.216
tCPU
ms
tOXOV
Crystal Oscillator
Start-up Time
201)
30
401)
ms
tDDR
Power up rise time
from VDD = 0 to 4V
1001)
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com