Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BE2M1 Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST7263BE2M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE2M1 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST7263BE2M1 Datasheet HTML 110Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 111Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 112Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 113Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 114Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 115Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 116Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 117Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
114/145
14.6 Memory characteristics
Subject to general operating conditions for fCPU, and TA unless otherwise specified.
14.6.1 RAM and hardware registers
Note:
1. Guaranteed by design. Not tested in production.
14.6.2 Flash memory
Operating Conditions: fCPU = 8 MHz.
Note:
1. Refer to the Flash Programming Reference Manual for the typical HDFlash programming and erase timing values.
Figure 56. Two typical applications with VPP pin
1)
Note:
1. When the ICP mode is not required by the application, VPP pin must be tied to VSS.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode 1)
Halt mode (or RESET)
2.0
V
Dual voltage Flash memory 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCPU
Operating Frequency
Read mode
8
MHz
Write / Erase mode,
TA=25°C
8
VPP
Programming Voltage
4.0V
≤V
DD ≤ 5.5V
11.4
12.6
V
IPP
VPP Current
Write / Erase
30
mA
tVPP
Internal VPP Stabilization Time
10
µs
tRET
Data Retention
TA ≤ 55°C
40
years
NRW
Write Erase Cycles
TA=25°C
100
cycles
VPP
ST72XXX
10k
Ω
PROGRAMMING
TOOL
VPP
ST72XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com