Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BE2M1 Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST7263BE2M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE2M1 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST7263BE2M1 Datasheet HTML 109Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 110Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 111Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 112Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 113Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 114Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 115Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 116Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
113/145
Clock and timing characteristics (Cont’d)
14.5.3 External clock source
Note:
1. Data based on design simulation and/or technology characteristics, not tested in production.
Figure 54. Typical application with an external clock source
Figure 55. Typical application with a crystal resonator
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOSCINH
OSCIN input pin high level voltage
see Figure 54
0.7xVDD
VDD
V
VOSCINL
OSCIN input pin low level voltage
VSS
0.3xVDD
tw(OSCINH)
tw(OSCINL)
OSCIN high or low time 1)
15
ns
tr(OSCIN)
tf(OSCIN)
OSCIN rise or fall time1)
15
IL
OSCx Input leakage current
VSS≤VIN≤VDD
±1
µA
OSCIN
OSCOUT
fOSC
EXTERNAL
ST72XXX
CLOCK SOURCE
Not connected internally
VOSCINL
VOSCINH
tr(OSCIN)
tf(OSCIN)
tw(OSCINH)
tw(OSCINL)
IL
90%
10%
OSCOUT
OSCIN
fOSC
CL1
CL2
i2
RF
ST72XXX
RESONATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com