Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL852 Datasheet(PDF) 12 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 12 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 8Page - GENESYS LOGIC GL852 Datasheet HTML 9Page - GENESYS LOGIC GL852 Datasheet HTML 10Page - GENESYS LOGIC GL852 Datasheet HTML 11Page - GENESYS LOGIC GL852 Datasheet HTML 12Page - GENESYS LOGIC GL852 Datasheet HTML 13Page - GENESYS LOGIC GL852 Datasheet HTML 14Page - GENESYS LOGIC GL852 Datasheet HTML 15Page - GENESYS LOGIC GL852 Datasheet HTML 16Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 12
3.2 Pin List
Table 3.1
-
-
-
-GL852 64 Pin List
Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type
1
AGND
P
17 RREF
B
33 NC
-
49
AMBER2/
EE_DI
O
2
NC
-
18 AVDD
P
34 GREEN4
O
50 PSELF
I
3
DM0
B
19 AGND
P
35 AMBER4
O
51 DGND
P
4
DP0
B
20 X1
I
36 DGND
P
52 DVDD
P
5
NC
-
21 X2
O
37 DVDD
P
53
PGANG/
SUSPND
B
6
NC
-
22 AVDD
P
38 RESET#
I
54 OVCUR2#
I
7
NC
-
23 AGND
P
39 TEST
I
55 PWREN2#
O
8
DM1
B
24 NC
-
40 OVCUR4#
I
56 OVCUR1#
I
9
DP1
B
25 DM3
B
41 PWREN4#
O
57 PWREN1#
O
10 NC
-
26 DP3
B
42 OVCUR3#
I
58 DGND
P
11 AVDD
P
27 NC
-
43 PWREN3#
O
59 DVDD
P
12 AGND
P
28 AVDD
P
44 GREEN3
O
60
GREEN1/
EE_SK
O
13 NC
-
29 AGND
P
45 AMBER3
O
61
AMBER1/
EE_CS
O
14 DM2
B
30 NC
-
46 DGND
P
62 DGND
P
15 DP2
B
31 DM4
B
47 DVDD
P
63 AVDD
P
16 NC
-
32 DP4
B
48
GREEN2/
EE_DO
B
64 AVDD
P
Table 3.2
-
-
-
-GL852 48 Pin List
Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type
1
AVDD
P
13 AGND
P
25 DVDD
P
37 PSELF
I
2
AGND
P
14 X1
I
26 RESET#
I
38 DVDD
P
3
DM0
B
15 X2
O
27 TEST
I
39 PGANG
B
4
DP0
B
16 AVDD
P
28 OVCUR4#
I
40 OVCUR2#
I
5
DM1
B
17 DM3
B
29 PWREN4#
O
41 PWREN2#
O
6
DP1
B
18 DP3
B
30 OVCUR3#
I
42 OVCUR1#
I
7
AVDD
P
19 AVDD
P
31 PWREN3#
O
43 PWREN1#
O
8
AGND
P
20 AGND
P
32 GREEN3
O
44 DVDD
P
9
DM2
B
21 DM4
B
33 AMBER3
O
45
GREEN1/
EE_SK
O
10 DP2
B
22 DP4
B
34 DVDD
P
46
AMBER1/
EE_CS
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com