Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL852 Datasheet(PDF) 14 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 14 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 10Page - GENESYS LOGIC GL852 Datasheet HTML 11Page - GENESYS LOGIC GL852 Datasheet HTML 12Page - GENESYS LOGIC GL852 Datasheet HTML 13Page - GENESYS LOGIC GL852 Datasheet HTML 14Page - GENESYS LOGIC GL852 Datasheet HTML 15Page - GENESYS LOGIC GL852 Datasheet HTML 16Page - GENESYS LOGIC GL852 Datasheet HTML 17Page - GENESYS LOGIC GL852 Datasheet HTML 18Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 14
Clock and Reset Interface
GL852
GL852
Pin Name
64Pin#
48Pin#
I/O Type
Description
X1
20
14
I
12MHz crystal clock input.
X2
21
15
O
12MHz crystal clock output.
RESET#
38
26
I
Active low. External reset input, default pull high 10K .
When RESET# = low, whole chip is reset to the initial
state.
System Interface
GL852
GL852
Pin Name
64 Pin#
48Pin#
I/O Type
Description
TEST
39
27
I
(pd)
0: Normal operation.
1: Chip will be put in test mode.
Power / Ground
GL852
GL852
Pin Name
64 Pin#
48Pin#
I/O Type
Description
AVDD
11,18,22,
28,64
1,7,12,16,19
P
3.3V analog power input for analog circuits.
AGND
1,12,19,
23,29
2,8,13,20,
P
Analog ground input for analog circuits.
DVDD
37,47,
52,59
25,34,38,44,
48
P
3.3V digital power input for digital circuits
DGND
36,46,
51,58,62
47
P
Digital ground input for digital circuits.
NC
2,5~7,10,
13,16,24,
27,30,33
-
-
No connection
Note: Analog circuits are quite sensitive to power and ground noise. PCB layout must take care the power
routing and the ground plane. For detailed information, please refer to GL852 Design Guideline.
Notation:
Type
O
Output
I
Input
B
Bi-directional
B/I
Bi-directional, default input
B/O
Bi-directional, default output
P
Power / Ground
A
Analog
SO
Automatic output low when suspend
pu
Internal pull up
pd
Internal pull down
odpu
Open drain with internal pull up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com