Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL852 Datasheet(PDF) 29 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 29 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 23Page - GENESYS LOGIC GL852 Datasheet HTML 24Page - GENESYS LOGIC GL852 Datasheet HTML 25Page - GENESYS LOGIC GL852 Datasheet HTML 26Page - GENESYS LOGIC GL852 Datasheet HTML 27Page - GENESYS LOGIC GL852 Datasheet HTML 28Page - GENESYS LOGIC GL852 Datasheet HTML 29Page - GENESYS LOGIC GL852 Datasheet HTML 30Page - GENESYS LOGIC GL852 Datasheet HTML 31Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 29
CONTROL DIMENSIONS ARE IN MILLIMETERS.
SYMBOL
MILLIMETER
INCH
MIN.
NOM. MAX.
MAX.
MIN.
NOM.
A
A1
A2
D
E
D1
E1
R2
R1
c
L
L1
S
b
e
aaa
bbb
ccc
ddd
D2
E2
TOLERANCES OF FORM AND POSITION
9.00 BASIC
9.00 BASIC
7.00 BASIC
7.00 BASIC
0.354 BASIC
0.354 BASIC
0.276 BASIC
0.276 BASIC
0.05
1.35
1.40
1.60
0.15
1.45
0°
0°
11°
11°
3.5°
12°
12°
7°
13°
13°
0.08
0.08
0.20
0.003
0.003
0.008
0°
0°
11°
11°
3.5°
12°
12°
7°
13°
13°
0.063
0.006
0.057
0.055
0.002
0.053
0.20
0.20
0.08
0.08
0.008
0.008
0.003
0.003
0.50 BASIC
5.50 BASIC
5.50 BASIC
0.020 BASIC
0.217 BASIC
0.217 BASIC
1.00 REF
0.039 REF
0.09
0.45
0.20
0.17
0.60
0.20
0.20
0.75
0.27
0.004
0.018
0.008
0.007
0.024
0.008
0.008
0.030
0.011
0-
02
-
03
-
01
-
NOTES :
1.
2.
DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 mm
PER SIDE. D1 AND E1 ARE MAXIMUM PLASTIC BODY
SIZE DIMENSIONS INCLUDING MOLD MISMATCH.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED THE
MAXIMUM b DIMENSION BY MORE THAN 0.08mm.
DAMBAR CAN NOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN
PROTRUSION AND AN ADJACENT LEAD IS 0.07mm.
1
24
25
36
37
48
12
13
SEATING
PLANE
e
b
4X
4X
A
A B D
C
aaa
B
A
D
H
bbb
ddd M C
B
A
s
s
D
B
D1
D2
D
D
A
A2
A1
c
01
-
0
-
C
C
ccc
GAGE PLANE
R1
R2
0.25mm
S
L
03
-
02
-
H
GL852
AAAAAAAGAA
YWWXXXXXXXX
Date Code
Lot Code
Internal No.
Version
No.
N : Normal package
G : Green package
Figure 7.2 – GL852 48 Pin LQFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com