Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL852 Datasheet(PDF) 13 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 13 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 9Page - GENESYS LOGIC GL852 Datasheet HTML 10Page - GENESYS LOGIC GL852 Datasheet HTML 11Page - GENESYS LOGIC GL852 Datasheet HTML 12Page - GENESYS LOGIC GL852 Datasheet HTML 13Page - GENESYS LOGIC GL852 Datasheet HTML 14Page - GENESYS LOGIC GL852 Datasheet HTML 15Page - GENESYS LOGIC GL852 Datasheet HTML 16Page - GENESYS LOGIC GL852 Datasheet HTML 17Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 13
11 RREF
B
23 GREEN4
O
35
GREEN2/
EE_DO
O
47 DGND
P
12 AVDD
P
24 AMBER4
O
36
AMBER2/
EE_DI
O
48 DVDD
P
3.3 Pin Descriptions
Table 3.3 - Pin Descriptions
USB Interface
GL852
GL852
Pin Name
64 Pin#
48Pin#
I/O Type
Description
DM0,DP0
3,4
3,4
B
USB signals for USPORT
DM1,DP1
8,9
5,6
B
USB signals for DSPORT1
DM2,DP2
14,15
9,10
B
USB signals for DSPORT2
DM3,DP3
25,26
17,18
B
USB signals for DSPORT3
DM4,DP4
31,32
21,22
B
USB signals for DSPORT4
RREF
17
11
B
A 680
resister must be connected between RREF and
analog ground (AGND).
Note: USB signals must be carefully handled in PCB routing. For detailed information, please refer to
GL852 Design Guideline.
HUB Interface
GL852
GL852
Pin Name
64 Pin#
48Pin#
I/O Type
Description
OVCUR1#~4
56,54,
42,40
42,40,30,28
I
(pu)
Active low. Over current indicator for DSPORT1~4
OVCUR1# is the only over current flag for GANG
mode.
PWREN1#~4
57,55,
43,41
43,41,31,29
O
Active low. Power enable output for DSPORT1~4
PWREN1# is the only power-enable output for GANG
mode.
GREEN1~4
60,48,
44,34
45,35,32,23
1,3,4: O
2: B
(pd)
Green LED indicator for DSPORT1~4
*GREEN[1~2] are also used to access the external EEPROM
For detailed information, please refer to Chapter 5.
AMBER1~4
61,49,
45,35
46,36,33,24
O
(pd)
Amber LED indicator for DSPORT1~4
*
Amber [1~2] are also used to access the external EEPROM
PSELF
50
37
I
0: GL852 is bus-powered.
1: GL852 is self-powered.
PGANG/
SUSPND
53
39
B
This pin is default put in input mode after power-on
reset. Individual/gang mode is strapped during this
period. After the strapping period, this pin will be set to
output mode, and then output high for normal mode.
When GL852 is suspended, this pin will output low.
*For detailed explanation, please see Chapter 5
Gang
input:1, output: 0@normal, 1@suspend
Individual
input:0, output: 1@normal, 0@suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com