Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL852 Datasheet(PDF) 22 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 22 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 18Page - GENESYS LOGIC GL852 Datasheet HTML 19Page - GENESYS LOGIC GL852 Datasheet HTML 20Page - GENESYS LOGIC GL852 Datasheet HTML 21Page - GENESYS LOGIC GL852 Datasheet HTML 22Page - GENESYS LOGIC GL852 Datasheet HTML 23Page - GENESYS LOGIC GL852 Datasheet HTML 24Page - GENESYS LOGIC GL852 Datasheet HTML 25Page - GENESYS LOGIC GL852 Datasheet HTML 26Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 22
Table 5.1 - 93C46 Configuration
Unit: Byte
00
01
02
03
04
05
06
07
08
09 0A 0B 0C 0D 0E 0F
00h
VID_L
VID_H PID_L PID_H CHKSUM FF
DEVICE
REMOVABLE
PORT
NUMBER
MaxPower
FF
FF
FF
FF
FF
FF
FF
10h
VENDOR
LENGTH
start
20h
Vendor string (ASC II code)
30h
end
40h
PRODUCT
LENGTH
start
50h
Product String(ASC II code)
60h
end
70h
SERIAL
NUMBER
LENGTH
start
Serial Number String(ASC II code)
end
Note: 1. VID_H/VID_L: high/low byte of VID value
2. PID_H/PID_L: high/low byte of PID value
3. CHKSUM: CHKSUM must equal to VID_H + VID_L + PID_H + PID_L + 1,otherwise
firmware will ignore the EEPROM settings.
4. PORT_NO: port number, value must be 1~4.
5. MaxPower : Describe the maximum power consumption, range=0Ma~500Ma .
Value -> 00H~FAH (unit = 2Ma)
6. DEVICE REMOVALBE:
-
-
-
PORT4
REMOVABLE
PORT3
REMOVABLE
PORT2
REMOVABLE
PORT1
REMOVABLE
-
0: Device attached to this port is removable.
1: Device attached to this port is non-removable.
7. VENDOR LENGTH: offset 10h contains the length of the vendor string. Values of vendor string is
contained from 11h~3Fh.
8. PRODUCT LENGTH: offset 40h contains the length of product string. Values of product string is
contained from 41h~6Fh.
9. SERIAL NUMBER LENGTH: offset 70h contains the value of serial number string. Values of serial
number string is contained after offset 71h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com