Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL852 Datasheet(PDF) 19 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 19 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 15Page - GENESYS LOGIC GL852 Datasheet HTML 16Page - GENESYS LOGIC GL852 Datasheet HTML 17Page - GENESYS LOGIC GL852 Datasheet HTML 18Page - GENESYS LOGIC GL852 Datasheet HTML 19Page - GENESYS LOGIC GL852 Datasheet HTML 20Page - GENESYS LOGIC GL852 Datasheet HTML 21Page - GENESYS LOGIC GL852 Datasheet HTML 22Page - GENESYS LOGIC GL852 Datasheet HTML 23Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 19
Figure 5.3 - RESET# (External Reset) setting and application
GL852 internally contains a power on reset circuit. The power on sequence is depicted in the next picture.
To fully control the reset process of GL852, we suggest the reset time applied in the external reset circuit
should longer than that of the internal reset circuit.
≒ 2.7 μs
Internal reset
External reset
Power good voltage, 2.5~2.8V
VCC(3.3V)
Figure 5.4 - Power on sequence of GL852
5.2.2 PGANG/SUSPND Setting
To save pin count, GL852 uses the same pin to decide individual/gang mode as well as to output the
suspend flag. The individual/gang mode is decided within 20us after power on reset. Then, about 50ms later,
this pin is changed to output mode. GL852 outputs the suspend flag once it is globally suspended. For
individual mode, a pull low resister greater than 100K
should be placed. For gang mode, a pull high
resister which greater than 100K
should be placed. In figure 5.6, we also depict the suspend LED
indicator schematics. It should be noticed that the polarity of LED must be followed, otherwise the suspend
current will be over spec limitation (2.5mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com