Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 229 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 229 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 225Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 226Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 227Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 228Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 229Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 230Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 231Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 232Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 233Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 1386 page
background image
Reset
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
5-5
NOTE
The reset status register accumulates reset events. For example, because
software watchdog expiration results in a hard reset, which in turn results in
a soft reset, RSR[SWRS], RSR[ESRS] and RSR[EHRS] are all set after a
software watchdog reset.
5.3
Reset Mode Register (RMR)
The reset mode register (RMR), shown in Figure 5-3, is memory-mapped into the SIU register map.
30
ESRS
External soft reset status. When an external soft reset event is detected, ESRS is set and it remains
that way until software clears it. ESRS is cleared by writing a 1 to it (writing zero has no effect).
0 No external soft reset event has occurred
1 An external soft reset event has occurred
31
EHRS
External hard reset status. When an external hard reset event is detected, EHRS is set and it
remains set until software clears it. EHRS is cleared by writing a 1 (writing zero has no effect).
0 No external hard reset event has occurred
1 An external hard reset event has occurred
0
15
Field
—
R/W
R/W
Reset
0000_0000_0000_0000
Addr
0x10C94
16
30
31
Field
—
CSRE
R/W
R/W
Reset
0000_0000_0000_0000
Addr
0x10C96
Figure 5-3. Reset Mode Register (RMR)
Table 5-3. RSR Field Descriptions (continued)
Bits
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com