Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 231 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 231 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 227Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 228Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 229Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 230Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 231Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 232Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 233Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 234Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 235Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1386 page
background image
Reset
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
5-7
The configuration words for all MPC8280s are assumed to reside in an EPROM connected to CS0 of the
configuration master. Because the port size of this EPROM is not known to the configuration master,
before reading the configuration words, the configuration master reads all configuration words
byte-by-byte only from locations that are independent of port size.
Table 5-6. shows addresses that should be used to configure the various MPC8280s. Byte addresses that
do not appear in this table have no effect on the configuration of the MPC8280 chips. The values of the
bytes in Table 5-6 are always read on byte lane D[0–7] regardless of the port size
.
The configuration master first reads a value from address 0x00 then reads a value from addresses 0x08,
0x10, and 0x18. These four bytes are used to form the configuration word of the configuration master,
which then proceeds reading the bytes that form the configuration word of the first slave device. The
configuration master drives the whole configuration word on D[0–31] and toggles its A0 address line.
Each configuration slave uses its RSTCONF input as a strobe for latching the configuration word during
HRESET assertion time. Thus, the first configuration slave whose RSTCONF input is connected to
configuration master’s A0 output latches the word driven on D[0–31] as its configuration word. In this way
the configuration master continues to configure all MPC8280 chips in the system. The configuration
master always reads eight configuration words regardless of the number of MPC8280 parts in the system.
Table 5-5. RSTCONF Connections in Multiple-MPC8280 Systems
Configured Device
RSTCONF Connection
Configuration master
GND
First configuration slave
A0
Second configuration slave
A1
Third configuration slave
A2
Fourth configuration slave
A3
Fifth configuration slave
A4
Sixth configuration slave
A5
Seventh configuration slave
A6
Table 5-6. Configuration EPROM Addresses
Configured Device
Byte 0 Address
Byte 1 Address
Byte 2 Address
Byte 3 Address
Configuration master
0x00
0x08
0x10
0x18
First configuration slave
0x20
0x28
0x30
0x38
Second configuration slave
0x40
0x48
0x50
0x58
Third configuration slave
0x60
0x68
0x70
0x78
Fourth configuration slave
0x80
0x88
0x90
0x98
Fifth configuration slave
0xA0
0xA8
0xB0
0xB8
Sixth configuration slave
0xC0
0xC8
0xD0
0xD8
Seventh configuration slave
0xE0
0xE8
0xF0
0xF8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com