Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 233 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 233 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 229Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 230Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 231Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 232Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 233Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 234Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 235Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 236Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 237Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 1386 page
background image
Reset
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
5-9
7
ISPS1
Internal space port size. Defines the initial value of BCR[ISPS]. Setting ISPS configures the
MPC8280 to respond to accesses from a 32-bit external master to its internal space. See
Section 4.3.2.1, “Bus Configuration Register (BCR).”
8–9
L2CPC1
L2 cache pins configuration. Defines the initial value of SIUMCR[L2CPC]. See Section 4.3.2.6,
“SIU Module Configuration Register (SIUMCR).”
10–11
DPPC1
Data parity pin configuration. Defines the initial value of SIUMCR[DPPC]. For more details refer
to Section 4.3.2.6, “SIU Module Configuration Register (SIUMCR).”
12
PLLBP
PLL bypass
0 Normal operation
1 Bypass CPM PLL
13–15
ISB
Initial internal space base select. Defines the initial value of IMMR[0–14] and determines the
base address of the internal memory space.
000 0x0000_0000
001 0x00F0_0000
010 0x0F00_0000
011 0x0FF0_0000
100 0xF000_0000
101 0xF0F0_0000
110 0xFF00_0000
111 0xFFF0_0000
See Section 4.3.2.7, “Internal Memory Map Register (IMMR).”
16
BMS
Boot memory space. Defines the initial value for BR0[BA]. There are two possible boot memory
regions: HIMEM and LOMEM.
0 0xFE00_0000—0xFFFF_FFFF
1 0x0000_0000—0x01FF_FFFF
See Section 11.3.1, “Base Registers (BRx).”
17
BBD1
Bus busy disable. Defines the initial value of SIUMCR[BBD]. See Section 4.3.2.6, “SIU Module
Configuration Register (SIUMCR).”
18–19
MMR
Mask masters requests. Defines the initial value of SIUMCR[MMR]. See Section 4.3.2.6, “SIU
Module Configuration Register (SIUMCR).”
20–21
LBPC1
Local bus pin configuration. Defines the value of SIUMCR[LBPC]. See Section 4.3.2.6, “SIU
Module Configuration Register (SIUMCR).”
00 Local bus pins function as local bus
01 Local bus pins function as PCI bus
10 Local bus pins function as core pins
11 Reserved
22–23
APPC1
Address parity pin configuration. Defines the initial value of SIUMCR[APPC]. See
Section 4.3.2.6, “SIU Module Configuration Register (SIUMCR).”
24–25
CS10PC1
CS10 pin configuration. Defines the initial value of SIUMCR[CS10PC]. See Section 4.3.2.6,
“SIU Module Configuration Register (SIUMCR).”
Note: During the reset configuration sequence, the BCTL1/CS10 pin toggles like POE of the 60x
bus GPCM, regardless of the configuration of the reset configuration word. After the reset
configuration sequence, the BCTL1/CS10 pin behaves according to the configuration of
SIUMCR[CS10PC].
Table 5-7. Hard Reset Configuration Word Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com