Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 230 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 230 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 226Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 227Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 228Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 229Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 230Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 231Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 232Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 233Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 234Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 1386 page
background image
Reset
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
5-6
Freescale Semiconductor
Table 5-4 describes RMR fields.
5.4
Reset Configuration
Various features may be configured during hard reset or power-on reset. For example, one configurable
features is core disable, which can be used to configure a system that uses two MPC8280s, one a slave
device and the other a the host with an active core. Most configurable features are reconfigured whenever
HRESET is asserted. However, the clock mode is configured only when PORESET is asserted.
The 32-bit hard reset configuration word is described in Section 5.4.1, “Hard Reset Configuration Word.”
The reset configuration sequence is designed to support a system that uses up to eight MPC8280 chips,
each configured differently. It needs no additional glue logic for reset configuration.
The description below explains the operation of this sequence with regard to a multiple-MPC8280 system.
This and other simpler systems are described in Section 5.4.2, “Hard Reset Configuration Examples.” In
a typical multi-MPC8280 system, one MPC8280 should act as the configuration master while all other
MPC8280s should act as configuration slaves. The configuration master in the system typically reads the
various configuration words from EPROM in the system and uses them to configure itself as well as the
configuration slaves. How the MPC8280 acts during reset configuration is determined by the value of the
RSTCONF input while PORESET changes from assertion to negation. If RSTCONF is asserted while
PORESET changes, MPC8280 is a configuration master; otherwise, it is a slave.
In a typical multiple-MPC8280 system, RSTCONF input of the configuration master should be hard wired
to ground, while RSTCONF inputs of other chips should be connected to the high-order address bits of the
configuration master, as described in Table 5-5.
Table 5-4. RMR Field Descriptions
Bits
Name
Function
0–30
—
Reserved, should be cleared.
31
CSRE
Checkstop reset enable. The core can enter checkstop mode as the result of several exception
conditions. Setting CSRE configures the chip to perform a hard reset sequence whenever the core
enters checkstop state.
0 Reset not generated when core enters checkstop state.
1 Reset generated when core enters checkstop state.
Note: When the core is disabled, CSRE must be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com