Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 139Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 140Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 141Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 142Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 143Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 144Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 145Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 146Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 147Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 1350 page
background image
Chapter 4 Analog-to-Digital Converter (ATD10B16CV4) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
143
4.3.2.7
ATD Status Register 0 (ATDSTAT0)
This read-only register contains the Sequence Complete Flag, overrun flags for external trigger and FIFO
mode, and the conversion counter.
Read: Anytime
Write: Anytime (No effect on CC[3:0])
76543210
R
SCF
0
ETORF
FIFOR
CC3
CC2
CC1
CC0
W
Reset
00000000
= Unimplemented or Reserved
Figure 4-9. ATD Status Register 0 (ATDSTAT0)
Table 4-18. ATDSTAT0 Field Descriptions
Field
Description
7
SCF
Sequence Complete Flag — This flag is set upon completion of a conversion sequence. If conversion
sequences are continuously performed (SCAN = 1), the flag is set after each one is completed. This flag is
cleared when one of the following occurs:
• Write “1” to SCF
• Write to ATDCTL5 (a new conversion sequence is started)
• If AFFC = 1 and read of a result register
0 Conversion sequence not completed
1 Conversion sequence has completed
5
ETORF
External Trigger Overrun Flag —While in edge trigger mode (ETRIGLE = 0), if additional active edges are
detected while a conversion sequence is in process the overrun flag is set. This flag is cleared when one of the
following occurs:
• Write “1” to ETORF
• Write to ATDCTL0,1,2,3,4 (a conversion sequence is aborted)
• Write to ATDCTL5 (a new conversion sequence is started)
0 No External trigger over run error has occurred
1 External trigger over run error has occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com