Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 147 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 143Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 144Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 145Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 146Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 147Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 148Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 149Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 150Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 1350 page
background image
Chapter 4 Analog-to-Digital Converter (ATD10B16CV4) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
147
4.3.2.11
ATD Status Register 1 (ATDSTAT1)
This read-only register contains the Conversion Complete Flags CCF7 to CCF0
Read: Anytime
Write: Anytime, no effect
76543210
R
CCF7
CCF6
CCF5
CCF4
CCF3
CCF2
CCF1
CCF0
W
Reset
00000000
= Unimplemented or Reserved
Figure 4-13. ATD Status Register 1 (ATDSTAT1)
Table 4-22. ATDSTAT1 Field Descriptions
Field
Description
7:0
CCF[7:0]
Conversion Complete Flag Bits — A conversion complete flag is set at the end of each conversion in a
conversion sequence. The flags are associated with the conversion position in a sequence (and also the result
register number). Therefore, CCF0 is set when the first conversion in a sequence is complete and the result is
available in result register ATDDR0; CCF1 is set when the second conversion in a sequence is complete and
the result is available in ATDDR1, and so forth. A CCF flag is cleared when one of the following occurs:
• Write to ATDCTL5 (a new conversion sequence is started)
• If AFFC = 0 and read of ATDSTAT1 followed by read of result register ATDDRx
• If AFFC = 1 and read of result register ATDDRx
In case of a concurrent set and clear on CCFx: The clearing by method A) will overwrite the set. The clearing
by methods B) or C) will be overwritten by the set.
Conversion number x not completed
Conversion number x has completed, result ready in ATDDRx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com