Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 144 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 144 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 140Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 141Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 142Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 143Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 144Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 145Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 146Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 147Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 148Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 1350 page
background image
Chapter 4 Analog-to-Digital Converter (ATD10B16CV4) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
144
Freescale Semiconductor
4
FIFOR
FIFO Over Run Flag — This bit indicates that a result register has been written to before its associated
conversion complete flag (CCF) has been cleared. This flag is most useful when using the FIFO mode because
the flag potentially indicates that result registers are out of sync with the input channels. However, it is also
practical for non-FIFO modes, and indicates that a result register has been over written before it has been read
(i.e., the old data has been lost). This flag is cleared when one of the following occurs:
• Write “1” to FIFOR
• Start a new conversion sequence (write to ATDCTL5 or external trigger)
0 No over run has occurred
1 Overrun condition exists (result register has been written while associated CCFx flag remained set)
3:0
CC[3:0}
Conversion Counter — These 4 read-only bits are the binary value of the conversion counter. The conversion
counter points to the result register that will receive the result of the current conversion. For example, CC3 = 0,
CC2 = 1, CC1 = 1, CC0 = 0 indicates that the result of the current conversion will be in ATD Result Register 6.
If in non-FIFO mode (FIFO = 0) the conversion counter is initialized to zero at the begin and end of the
conversion sequence. If in FIFO mode (FIFO = 1) the register counter is not initialized. The conversion
counters wraps around when its maximum value is reached.
Aborting a conversion or starting a new conversion by write to an ATDCTL register (ATDCTL5-0) clears the
conversion counter even if FIFO=1.
Table 4-18. ATDSTAT0 Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com