Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 167 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 167 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 163Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 164Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 165Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 166Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 167Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 168Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 169Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 170Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 1350 page
background image
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
167
5.3.2.2
ATD Control Register 1 (ATDCTL1)
Writes to this register will abort current conversion sequence but will not start a new sequence.
Read: Anytime
Write: Anytime
76543210
R
ETRIGSEL
0000
ETRIGCH2
ETRIGCH1
ETRIGCH0
W
Reset
00000111
= Unimplemented or Reserved
Figure 5-4. ATD Control Register 1 (ATDCTL1)
Table 5-3. ATDCTL1 Field Descriptions
Field
Description
7
ETRIGSEL
External Trigger Source Select — This bit selects the external trigger source to be either one of the AD
channels or one of the ETRIG3–0 inputs. See the device overview chapter for availability and connectivity of
ETRIG3–0 inputs. If ETRIG3–0 input option is not available, writing a 1 to ETRISEL only sets the bit but has
not effect, that means still one of the AD channels (selected by ETRIGCH2–0) is the source for external trigger.
The coding is summarized in Table 5-4.
2–0
ETRIGCH[2:0]
External Trigger Channel Select — These bits select one of the AD channels or one of the ETRIG3–0 inputs
as source for the external trigger. The coding is summarized in Table 5-4.
Table 5-4. External Trigger Channel Select Coding
ETRIGSEL
ETRIGCH2
ETRIGCH1
ETRIGCH0
External trigger source is
0
0
0
0
AN0
0
0
0
1
AN1
0
0
1
0
AN2
0
0
1
1
AN3
0
1
0
0
AN4
0
1
0
1
AN5
0
1
1
0
AN6
0
1
1
1
AN7
1
0
0
0
ETRIG01
1 Only if ETRIG3–0 input option is available (see device overview chapter), else ETRISEL is
ignored, that means external trigger source is still on one of the AD channels selected by
ETRIGCH2–0
1
0
0
1
ETRIG11
1
0
1
0
ETRIG21
1
0
1
1
ETRIG31
1
1
X
X
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com