Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 169 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 169 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 165Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 166Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 167Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 168Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 169Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 170Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 171Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 172Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 173Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 1350 page
background image
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
169
5.3.2.4
ATD Control Register 3 (ATDCTL3)
This register controls the conversion sequence length, FIFO for results registers and behavior in freeze
mode. Writes to this register will abort current conversion sequence but will not start a new sequence.
Read: Anytime
Write: Anytime
1
ASCIE
ATD Sequence Complete Interrupt Enable
0 ATD Sequence Complete interrupt requests are disabled.
1 ATD Interrupt will be requested whenever ASCIF = 1 is set.
0
ASCIF
ATD Sequence Complete Interrupt Flag — If ASCIE = 1 the ASCIF flag equals the SCF flag (see
Section 5.3.2.7, “ATD Status Register 0 (ATDSTAT0)”), else ASCIF reads zero. Writes have no effect.
0 No ATD interrupt occurred
1 ATD sequence complete interrupt pending
Table 5-6. External Trigger Configurations
ETRIGLE
ETRIGP
External Trigger Sensitivity
0
0
Falling edge
0
1
Rising edge
1
0
Low level
1
1
High level
76543210
R0
S8C
S4C
S2C
S1C
FIFO
FRZ1
FRZ0
W
Reset
00000000
= Unimplemented or Reserved
Figure 5-6. ATD Control Register 3 (ATDCTL3)
Table 5-7. ATDCTL3 Field Descriptions
Field
Description
6–3
S8C, S4C,
S2C, S1C
Conversion Sequence Length — These bits control the number of conversions per sequence. Table 5-8 shows
all combinations. At reset, S4C is set to 1 (sequence length is 4). This is to maintain software continuity to HC12
Family.
Table 5-5. ATDCTL2 Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com