Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 170 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 170 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 166Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 167Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 168Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 169Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 170Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 171Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 172Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 173Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 174Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 1350 page
background image
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
170
Freescale Semiconductor
2
FIFO
Result Register FIFO Mode — If this bit is zero (non-FIFO mode), the A/D conversion results map into the result
registers based on the conversion sequence; the result of the first conversion appears in the first result register,
the second result in the second result register, and so on.
If this bit is one (FIFO mode) the conversion counter is not reset at the beginning or ending of a conversion
sequence; sequential conversion results are placed in consecutive result registers. In a continuously scanning
conversion sequence, the result register counter will wrap around when it reaches the end of the result register
file. The conversion counter value (CC2-0 in ATDSTAT0) can be used to determine where in the result register
file, the current conversion result will be placed.
Aborting a conversion or starting a new conversion by write to an ATDCTL register (ATDCTL5-0) clears the
conversion counter even if FIFO=1. So the first result of a new conversion sequence, started by writing to
ATDCTL5, will always be place in the first result register (ATDDDR0). Intended usage of FIFO mode is continuos
conversion (SCAN=1) or triggered conversion (ETRIG=1).
Finally, which result registers hold valid data can be tracked using the conversion complete flags. Fast flag clear
mode may or may not be useful in a particular application to track valid data.
0 Conversion results are placed in the corresponding result register up to the selected sequence length.
1 Conversion results are placed in consecutive result registers (wrap around at end).
1–0
FRZ[1:0]
Background Debug Freeze Enable — When debugging an application, it is useful in many cases to have the
ATD pause when a breakpoint (Freeze Mode) is encountered. These 2 bits determine how the ATD will respond
to a breakpoint as shown in Table 5-9. Leakage onto the storage node and comparator reference capacitors may
compromise the accuracy of an immediately frozen conversion depending on the length of the freeze period.
Table 5-8. Conversion Sequence Length Coding
S8C
S4C
S2C
S1C
Number of Conversions
per Sequence
0000
8
0001
1
0010
2
0011
3
0100
4
0101
5
0110
6
0111
7
1
XXX
8
Table 5-9. ATD Behavior in Freeze Mode (Breakpoint)
FRZ1
FRZ0
Behavior in Freeze Mode
0
0
Continue conversion
0
1
Reserved
1
0
Finish current conversion, then freeze
1
1
Freeze Immediately
Table 5-7. ATDCTL3 Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com