Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 202 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 202 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 198Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 199Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 200Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 201Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 202Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 203Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 204Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 205Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 206Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
202
Freescale Semiconductor
6.4
Functional Description
The core of the XGATE module is a RISC processor which is able to access the MCU’s internal memories
and peripherals (see Figure 6-1). The RISC processor always remains in an idle state until it is triggered
by an XGATE request. Then it executes a code sequence that is associated with the request and optionally
triggers an interrupt to the S12X_CPU upon completion. Code sequences are not interruptible. A new
XGATE request can only be serviced when the previous sequence is finished and the RISC core becomes
idle.
The XGATE module also provides a set of hardware semaphores which are necessary to ensure data
consistency whenever RAM locations or peripherals are shared with the S12X_CPU.
The following sections describe the components of the XGATE module in further detail.
6.4.1
XGATE RISC Core
The RISC core is a 16 bit processor with an instruction set that is well suited for data transfers, bit
manipulations, and simple arithmetic operations (see Section 6.8, “Instruction Set”).
It is able to access the MCU’s internal memories and peripherals without blocking these resources from
the S12X_CPU1. Whenever the S12X_CPU and the RISC core access the same resource, the RISC core
will be stalled until the resource becomes available again1.
The XGATE offers a high access rate to the MCU’s internal RAM. Depending on the bus load, the RISC
core can perform up to two RAM accesses per S12X_CPU bus cycle.
Bus accesses to peripheral registers or flash are slower. A transfer rate of one bus access per S12X_CPU
cycle can not be exceeded.
The XGATE module is intended to execute short interrupt service routines that are triggered by peripheral
modules or by software.
6.4.2
Programmer’s Model
Figure 6-19. Programmer’s Model
1. With the exception of PRR registers (see Section “S12X_MMC”).
R7
R6
R5
R4
R3
R2
R1
R0 = 0
VC
Register Block
Program Counter
Condition
Code
Register
15
15
15
15
15
15
15
15
0
0
0
0
0
0
0
0
1 0
(Variable Pointer)
PC
15
0
NZ
3 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com