Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 84Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 85Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 86Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 87Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 88Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 89Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 90Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 91Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
88
Freescale Semiconductor
2.3.2.5
CRG Interrupt Enable Register (CRGINT)
This register enables CRG interrupt requests.
Read: Anytime
Write: Anytime
76543210
R
RTIE
ILAF
0
LOCKIE
00
SCMIE
0
W
Reset
0
1
000000
1. ILAF is set to 1 when an illegal address reset occurs. Unaffected by system reset. Cleared by power on or low
voltage reset.
= Unimplemented or Reserved
Figure 2-8. CRG Interrupt Enable Register (CRGINT)
Table 2-3. CRGINT Field Descriptions
Field
Description
7
RTIE
Real Time Interrupt Enable Bit
0 Interrupt requests from RTI are disabled.
1 Interrupt will be requested whenever RTIF is set.
6
ILAF
Illegal Address Reset Flag — ILAF is set to 1 when an illegal address reset occurs. Refer to S12XMMC Block
Guide for details. This flag can only be cleared by writing a 1. Writing a 0 has no effect.
0 Illegal address reset has not occurred.
1 Illegal address reset has occurred.
4
LOCKIE
Lock Interrupt Enable Bit
0 LOCK interrupt requests are disabled.
1 Interrupt will be requested whenever LOCKIF is set.
1
SCMIE
Self ClockMmode Interrupt Enable Bit
0 SCM interrupt requests are disabled.
1 Interrupt will be requested whenever SCMIF is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com