Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 86Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 87Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 88Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 89Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 90Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 91Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 92Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 93Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
90
Freescale Semiconductor
2.3.2.7
CRG PLL Control Register (PLLCTL)
This register controls the PLL functionality.
Read: Anytime
Write: Refer to each bit for individual write conditions
76543210
R
CME
PLLON
AUTO
ACQ
FSTWKP
PRE
PCE
SCME
W
Reset
11110001
Figure 2-10. CRG PLL Control Register (PLLCTL)
Table 2-5. PLLCTL Field Descriptions
Field
Description
7
CME
Clock Monitor Enable Bit — CME enables the clock monitor. Write anytime except when SCM = 1.
0 Clock monitor is disabled.
1 Clock monitor is enabled. Slow or stopped clocks will cause a clock monitor reset sequence or self clock
mode.
Note: Operating with CME = 0 will not detect any loss of clock. In case of poor clock quality, this could cause
unpredictable operation of the MCU!
Note: In stop mode (PSTP = 0) the clock monitor is disabled independently of the CME bit setting and any loss
of external clock will not be detected. Also after wake-up from stop mode (PSTP = 0) with fast wake-up
enabled (FSTWKP = 1) the clock monitor is disabled independently of the CME bit setting and any loss of
external clock will not be detected.
6
PLLON
Phase Lock Loop On Bit — PLLON turns on the PLL circuitry. In self clock mode, the PLL is turned on, but the
PLLON bit reads the last latched value. Write anytime except when PLLSEL = 1.
0 PLL is turned off.
1 PLL is turned on. If AUTO bit is set, the PLL will lock automatically.
5
AUTO
Automatic Bandwidth Control Bit — AUTO selects either the high bandwidth (acquisition) mode or the low
bandwidth (tracking) mode depending on how close to the desired frequency the VCO is running. Write anytime
except when PLLWAI = 1, because PLLWAI sets the AUTO bit to 1.
0 Automatic mode control is disabled and the PLL is under software control, using ACQ bit.
1 Automatic mode control is enabled and ACQ bit has no effect.
4
ACQ
Acquisition Bit
Write anytime. If AUTO=1 this bit has no effect.
0 Low bandwidth filter is selected.
1 High bandwidth filter is selected.
3
FSTWKP
Fast Wake-up from Full Stop Bit — FSTWKP enables fast wake-up from full stop mode. Write anytime. If
self-clock mode is disabled (SCME = 0) this bit has no effect.
0 Fast wake-up from full stop mode is disabled.
1 Fast wake-up from full stop mode is enabled.
When waking up from full stop mode the system will immediately resume operation i self-clock mode (see
Section 2.4.1.4, “Clock Quality Checker”). The SCMIF flag will not be set. The system will remain in self-clock
mode with oscillator and clock monitor disabled until FSTWKP bit is cleared. The clearing of FSTWKP will
start the oscillator, the clock monitor and the clock quality check. If the clock quality check is successful, the
CRG will switch all system clocks to OSCCLK. The SCMIF flag will be set. See application examples in
Figure 2-23 and Figure 2-24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com