Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 63Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 64Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 65Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 66Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 67Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 68Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 69Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 70Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
67
Table 1-8. MC9S12XD Family Power and Ground Connection Summary
Mnemonic
Pin Number
Nominal
Voltage
Description
144-Pin
LQFP
112-Pin
LQFP
80-Pin
QFP
VDD1, 2
15, 87
13, 65
9, 49
2.5 V
Internal power and ground generated by
internal regulator
VSS1, 2
16, 88
14, 66
10, 50
0V
VDDR1
53
41
29
5.0 V
External power and ground, supply to pin
drivers and internal voltage regulator
VSSR1
52
40
28
0 V
VDDX1
139
107
77
5.0 V
External power and ground, supply to pin
drivers
VSSX1
138
106
76
0 V
VDDX2
26
N.A.
N.A.
5.0 V
External power and ground, supply to pin
drivers
VSSX2
27
N.A.
N.A.
0 V
VDDR2
82
N.A.
N.A.
5.0 V
External power and ground, supply to pin
drivers
VSSR2
81
N.A.
N.A.
0 V
VDDA
107
83
59
5.0 V
Operating voltage and ground for the
analog-to-digital converters and the
reference for the internal voltage regulator,
allows the supply voltage to the A/D to be
bypassed independently.
VSSA
110
86
62
0 V
VRL
109
85
61
0 V
Reference voltages for the analog-to-digital
converter.
VRH
108
84
60
5.0 V
VDDPLL
55
43
31
2.5 V
Provides operating voltage and ground for
the phased-locked loop. This allows the
supply voltage to the PLL to be bypassed
independently. Internal power and ground
generated by internal regulator.
VSSPLL
57
45
33
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com