Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 33Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 34Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 35Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 36Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 37Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 38Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 39Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 40Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
37
1.1.4
Device Memory Map
Table 1-1shows the device register memory map of the MC9S12XDP512. Available modules on other
Family members please refer to Appendix E Derivative Differences
Unimplemented register space shown in Table 1-1 is not allocated to any module. Writing to these
locations have no effect. Read access to these locations returns zero. Figure 1-1 shows the global address
mapping for the parts listed in Table 1-2.
Table 1-1. Device Register Memory Map
Address
Module
Size
(Bytes)
0x0000–0x0009
PIM (port integration module
)
10
0x000A–0x000B
MMC (memory map control)
2
0x000C–0x000D
PIM (port integration module)
2
0x000E–0x000F
EBI (external bus interface)
2
0x0010–0x0017
MMC (memory map control)
8
0x0018–0x0019
Unimplemented
2
0x001A–0x001B
Device ID register
2
0x001C–0x001F
PIM (port integration module)
4
0x0020–0x002F
DBG (debug module)
16
0x0030–0x0031
MMC (memory map control)
2
0x0032–0x0033
PIM (port integration module)
2
0x0034–0x003F
CRG (clock and reset generator)
12
0x0040–0x007F
ECT (enhanced capture timer 16-bit 8-channel)s
64
0x0080–0x00AF
ATD1 (analog-to-digital converter 10-bit 16-channel)
48
0x00B0–0x00B7
IIC1 (inter IC bus)
8
0x00B8–0x00C7
Reserved
16
0x00B8–0x00BF
SCI2 (serial communications interface)
8
0x00C0–0x00C7
SCI3 (serial communications interface)
8
0x00C8–0x00CF
SCI0 (serial communications interface)
8
0x00D0–0x00D7
SCI1 (serial communications interface)
8
0x00D8–0x00DF
SPI0 (serial peripheral interface)
8
0x00E0–0x00E7
IIC0 (inter IC bus)
8
0x00E8–0x00EF
Unimplemented
8
0x00F0–0x00F7
SPI1 (serial peripheral interface)
8
0x00F8–0x013F
Reserved
8
0x00F8–0x00FF
SPI2 (serial peripheral interface)
8
0x0100–0x010F
Flash control register
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com