Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 91Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 92Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 93Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 94Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 95Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 96Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 97Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 98Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
95
5
WRTMASK
Write Mask for WCOP and CR[2:0] Bit — This write-only bit serves as a mask for the WCOP and CR[2:0] bits
while writing the COPCTL register. It is intended for BDM writing the RSBCK without touching the contents of
WCOP and CR[2:0].
0 Write of WCOP and CR[2:0] has an effect with this write of COPCTL
1 Write of WCOP and CR[2:0] has no effect with this write of COPCTL. (Does not count for “write once”.)
2–0
CR[1:0]
COP Watchdog Timer Rate Select — These bits select the COP time-out rate (see Table 2-10). The COP
time-out period is OSCCLK period divided by CR[2:0] value. Writing a nonzero value to CR[2:0] enables the
COP counter and starts the time-out period. A COP counter time-out causes a system reset. This can be
avoided by periodically (before time-out) reinitializing the COP counter via the ARMCOP register.
While all of the following four conditions are true the CR[2:0], WCOP bits are ignored and the COP operates at
highest time-out period (
2 24 cycles) in normal COP mode (Window COP mode disabled):
1) COP is enabled (CR[2:0] is not 000)
2) BDM mode active
3) RSBCK = 0
4) Operation in emulation or special modes
Table 2-10. COP Watchdog Rates1
1 OSCCLK cycles are referenced from the previous COP time-out reset
(writing 0x_55/0x_AA to the ARMCOP register)
CR2
CR1
CR0
OSCCLK
Cycles to Time-out
0
0
0
COP disabled
001
214
010
216
011
218
100
220
101
222
110
223
111
224
Table 2-9. COPCTL Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com