Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 72Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 73Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 74Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 75Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 76Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 77Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 78Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 79Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
76
Freescale Semiconductor
1.6.2
Effects of Reset
When a reset occurs, MCU registers and control bits are changed to known start-up states. Refer to the
respective module Block Guides for register reset states.
1.6.2.1
I/O Pins
Refer to the PIM Block Guide for reset configurations of all peripheral module ports.
1.6.2.2
Memory
The RAM array is not initialized out of reset.
1.7
COP Configuration
The COP timeout rate bits CR[2:0] and the WCOP bit in the COPCTL register are loaded on rising edge
of RESET from the Flash control register FCTL ($0107) located in the Flash EEPROM block. See
Table 1-13 and Table 1-14 for coding. The FCTL register is loaded from the Flash configuration field byte
at global address $7FFF0E during the reset sequence
NOTE
If the MCU is secured the COP timeout rate is always set to the longest
period (CR[2:0] = 111) after COP reset.
Table 1-13. Initial COP Rate Configuration
NV[2:0] in
FCTL Register
CR[2:0] in
COPCTL Register
000
111
001
110
010
101
011
100
100
011
101
010
110
001
111
000
Table 1-14. Initial WCOP Configuration
NV[3] in
FCTL Register
WCOP in
COPCTL Register
10
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com