Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 82Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 83Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 84Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 85Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 86Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 87Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 88Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 89Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
86
Freescale Semiconductor
2.3.2.3
Reserved Register (CTFLG)
This register is reserved for factory testing of the CRG module and is not available in normal modes.
Read: Always reads 0x_00 in normal modes
Write: Unimplemented in normal modes
NOTE
Writing to this register when in special mode can alter the CRG
fucntionality.
2.3.2.4
CRG Flags Register (CRGFLG)
This register provides CRG status bits and flags.
Read: Anytime
Write: Refer to each bit for individual write conditions
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 2-6. Reserved Register (CTFLG)
76543210
R
RTIF
PORF
LVRF
LOCKIF
LOCK
TRACK
SCMIF
SCM
W
Reset
0
12
00000
1. PORF is set to 1 when a power on reset occurs. Unaffected by system reset.
2. LVRF is set to 1 when a low-voltage reset occurs. Unaffected by system reset.
= Unimplemented or Reserved
Figure 2-7. CRG Flags Register (CRGFLG)
Table 2-2. CRGFLG Field Descriptions
Field
Description
7
RTIF
Real Time Interrupt Flag — RTIF is set to 1 at the end of the RTI period. This flag can only be cleared by writing
a 1. Writing a 0 has no effect. If enabled (RTIE = 1), RTIF causes an interrupt request.
0 RTI time-out has not yet occurred.
1 RTI time-out has occurred.
6
PORF
Power on Reset Flag — PORF is set to 1 when a power on reset occurs. This flag can only be cleared by writing
a 1. Writing a 0 has no effect.
0 Power on reset has not occurred.
1 Power on reset has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com