Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 262 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 262 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 258Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 259Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 260Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 261Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 262Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 263Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 264Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 265Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 266Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
262
Freescale Semiconductor
Operation
n = RS or IMM4
Shifts the bits in register RD n positions to the left. The lower n bits of the register RD become filled with
zeros. The carry flag will be updated to the bit contained in RD[16-n] before the shift for n > 0.
n can range from 0 to 16.
In immediate address mode, n is determined by the operand IMM4. n is considered to be 16 in IMM4 is
equal to 0.
In dyadic address mode, n is determined by the content of RS. n is considered to be 16 if the content of RS
is greater than 15.
CCR Effects
Code and CPU Cycles
LSL
Logical Shift Left
LSL
NZ
V
C
∆∆∆∆
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the operation; cleared otherwise.
RD[15]old ^ RD[15]new
C:
Set if n > 0 and RD[16-n] = 1; if n = 0 unaffected.
Source Form
Address
Mode
Machine Code
Cycles
LSL RD, #IMM4
IMM4
0
0
0
0
1
RD
IMM4
1
1
0
0
P
LSL RD, RS
DYA
0
0
0
0
1
RD
RS
1
0
1
0
0
P
0
RD
0
0
0
n bits
C
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com