Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 322 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 322 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 318Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 319Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 320Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 321Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 322Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 323Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 324Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 325Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 326Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
322
Freescale Semiconductor
7.3.2.6
Timer System Control Register 1 (TSCR1)
Read or write: Anytime except PRNT bit is write once
All bits reset to zero.
76543210
R
TEN
TSWAI
TSFRZ
TFFCA
PRNT
000
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-9. Timer System Control Register 1 (TSCR1)
Table 7-7. TSCR1 Field Descriptions
Field
Description
7
TEN
Timer Enable
0 Disables the main timer, including the counter. Can be used for reducing power consumption.
1 Allows the timer to function normally.
Note: If for any reason the timer is not active, there is no
÷64 clock for the pulse accumulator since the ÷64 is
generated by the timer prescaler.
6
TSWAI
Timer Module Stops While in Wait
0 Allows the timer module to continue running during wait.
1 Disables the timer counter, pulse accumulators and modulus down counter when the MCU is in wait mode.
Timer interrupts cannot be used to get the MCU out of wait.
5
TSFRZ
Timer and Modulus Counter Stop While in Freeze Mode
0 Allows the timer and modulus counter to continue running while in freeze mode.
1 Disables the timer and modulus counter whenever the MCU is in freeze mode. This is useful for emulation.
The pulse accumulators do not stop in freeze mode.
4
TFFCA
Timer Fast Flag Clear All
0 Allows the timer flag clearing to function normally.
1 A read from an input capture or a write to the output compare channel registers causes the corresponding
channel flag, CxF, to be cleared in the TFLG1 register. Any access to the TCNT register clears the TOF flag
in the TFLG2 register. Any access to the PACN3 and PACN2 registers clears the PAOVF and PAIF flags in the
PAFLG register. Any access to the PACN1 and PACN0 registers clears the PBOVF flag in the PBFLG register.
Any access to the MCCNT register clears the MCZF flag in the MCFLG register. This has the advantage of
eliminating software overhead in a separate clear sequence. Extra care is required to avoid accidental flag
clearing due to unintended accesses.
Note: The flags cannot be cleared via the normal flag clearing mechanism (writing a one to the flag) when
TFFCA = 1.
3
PRNT
Precision Timer
0 Enables legacy timer. Only bits DLY0 and DLY1 of the DLYCT register are used for the delay selection of the
delay counter. PR0, PR1, and PR2 bits of the TSCR2 register are used for timer counter prescaler selection.
MCPR0 and MCPR1 bits of the MCCTL register are used for modulus down counter prescaler selection.
1 Enables precision timer. All bits in the DLYCT register are used for the delay selection, all bits of the PTPSR
register are used for Precision Timer Prescaler Selection, and all bits of PTMCPSR register are used for the
prescaler Precision Timer Modulus Counter Prescaler selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com