Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 343 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 343 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 339Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 340Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 341Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 342Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 343Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 344Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 345Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 346Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 347Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
343
7.3.2.25
Precision Timer Prescaler Select Register (PTPSR)
Read: Anytime
Write: Anytime
All bits reset to zero.
0
LATQ
Input Control Latch or Queue Mode Enable — The BUFEN control bit should be set in order to enable the IC
and pulse accumulators holding registers. Otherwise LATQ latching modes are disabled.
Write one into ICLAT bit in MCCTL, when LATQ and BUFEN are set will produce latching of input capture and
pulse accumulators registers into their holding registers.
0 Queue mode of Input Capture is enabled. The main timer value is memorized in the IC register by a valid input
pin transition. With a new occurrence of a capture, the value of the IC register will be transferred to its holding
register and the IC register memorizes the new timer value.
1 Latch mode is enabled. Latching function occurs when modulus down-counter reaches zero or a zero is
written into the count register MCCNT (see Section 7.4.1.1.2, “Buffered IC Channels”). With a latching event
the contents of IC registers and 8-bit pulse accumulators are transferred to their holding registers. 8-bit pulse
accumulators are cleared.
76543210
R
PTPS7
PTPS6
PTPS5
PTPS4
PTPS3
PTPS2
PTPS1
PTPS0
W
Reset
00000000
Figure 7-47. Precision Timer Prescaler Select Register (PTPSR)
Table 7-31. PTPSR Field Descriptions
Field
Description
7:0
PTPS[7:0]
Precision Timer Prescaler Select Bits — These eight bits specify the division rate of the main Timer prescaler.
These are effective only when the PRNT bit of TSCR1 is set to 1. Table 7-32 shows some selection examples in
this case.
The newly selected prescale factor will not take effect until the next synchronized edge where all prescale counter
stages equal zero.
Table 7-32. Precision Timer Prescaler Selection Examples when PRNT = 1
PTPS7
PTPS6
PTPS5
PTPS4
PTPS3
PTPS2
PTPS1
PTPS0
Prescale
Factor
00000000
1
00000001
2
00000010
3
00000011
4
00000100
5
00000101
6
00000110
7
Table 7-30. ICSYS Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com