Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 388 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 388 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 384Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 385Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 386Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 387Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 388Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 389Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 390Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 391Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 392Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 1350 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
388
Freescale Semiconductor
Figure 8-21. PWM Left Aligned Output Example Waveform
8.4.2.6
Center Aligned Outputs
For center aligned output mode selection, set the CAEx bit (CAEx = 1) in the PWMCAE register and the
corresponding PWM output will be center aligned.
The 8-bit counter operates as an up/down counter in this mode and is set to up whenever the counter is
equal to $00. The counter compares to two registers, a duty register and a period register as shown in the
block diagram in Figure 8-19. When the PWM counter matches the duty register, the output flip-flop
changes state, causing the PWM waveform to also change state. A match between the PWM counter and
the period register changes the counter direction from an up-count to a down-count. When the PWM
counter decrements and matches the duty register again, the output flip-flop changes state causing the
PWM output to also change state. When the PWM counter decrements and reaches zero, the counter
direction changes from a down-count back to an up-count and a load from the double buffer period and
duty registers to the associated registers is performed, as described in Section 8.4.2.3, “PWM Period and
Duty”. The counter counts from 0 up to the value in the period register and then back down to 0. Thus the
effective period is PWMPERx*2.
NOTE
Changing the PWM output mode from left aligned to center aligned output
(or vice versa) while channels are operating can cause irregularities in the
PWM output. It is recommended to program the output mode before
enabling the PWM channel.
Figure 8-22. PWM Center Aligned Output Waveform
Period = 400 ns
E = 100 ns
Duty Cycle = 75%
PPOLx = 0
PPOLx = 1
PWMDTYx
PWMDTYx
Period = PWMPERx*2
PWMPERx
PWMPERx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com